Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 5Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 6Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 7Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
9 / 132
8.1.2 Setting of higher communication speed
After receiving an ATS, a PPS request can be sent to the MF2DL(H)x0 to set up a higher
communication speed up to 848 kbit/s according to ISO/IEC 14443-4 [3].
8.1.3 Half-duplex block transmission protocol
MF2DL(H)x0 uses half-duplex block transmission protocol as specified in ISO/IEC
14443-4. It is fully compliant to block format, frame waiting time, frame waiting time
extension, protocol operation, and all rules or handling as in [3].
8.2 User memory
The file system in the user memory is according to ISO/IEC 7816-4 and shown in
Figure 4. In the DF (application), there are 6 EFs (files) and 5 keys.
aaa-032188
PICC/MF Level
ISO MF Name = D2760000850100h
ISO File ID = 3F00h
Application/DF Level
Default File No. 00h
Standard Data File
256 bytes
Def. Comm Mode: Full
Default ISO DF Name = A00000039656434103F015400000000Bh
Default ISO File ID = DF01h
Default File No. 01h
Cyclic Record File
4 Records
16 bytes per Record
Def. Comm Mode: Full
Default File No. 03h
Value File
4 byte signed integer
Def. Comm Mode: Full
Default File No. 04h
Standard Data File
256 bytes
Def. Comm Mode: Full
Default File No. 0Fh
Transaction MAC File
Def. Comm Mode: Full
1 TMAC Key
Default File No. 1Fh
Standard Data File
32 bytes
Def. Comm Mode: Plain
Used for FCI
5 Application
Keys
NXP
Originality
Keys
Figure 4. MIFARE DESFire Light application
8.2.1 Application and file selection
The MF (PICC Level), the DF (application) and the EFs (files) can be selected
using the ISOSelectFile command specified in ISO/IEC 7816-4 [4] and described in
Section 11.10.1.
The PICC level refers to the card itself and has the ISO DF Name D2760000850100h
and the File ID 3F00h. The only functionality available on PICC level is an LRP mode
authentication using an OriginalityKey and the retrieval of the originality signature using
the Read_Sig command, see Section 11.11.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com