Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 91Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 92Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 93Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 94Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 95Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 96Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 97Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
94 / 132
11.8.5 Debit
The Debit command allows decreasing a value stored in a Value File. The current value
will be subtracted by the 4-byte signed integer value. Only positive values are allowed for
the Debit command. The value is always represented LSB first. It is necessary to validate
the updated value with a CommitTransaction command. An AbortTransaction command
invalidates all changes. The value modifications of Credit, Debit and LimitedCredit
commands are cumulated until a CommitTransaction command is issued. If the usage
of the LimitedCredit feature is enabled, the new limit for a subsequent LimitedCredit
command is set to the sum of Debit commands within one transaction before issuing
a CommitTransaction command. This assures that a LimitedCredit command cannot
rebook more values than a debiting transaction deducted before.
aaa-032215
PICC to PCD
PCD to PICC
CLA
90
CMD
DC
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
1
4
FileNr
Value
Response data
-
0
SW1
status
1
SW2
1
Figure 32. Debit command protocol
Table 99.  Command parameters description - Debit
Name
Length
Value
Description
Command Header Parameters
Cmd
1
DCh
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
FileNr
Bit 4-0
00h to 1Fh
File number
Command Data Parameters
Value
4
00000000h ..
7FFFFFFFh
Value to be debited. LSB first. Should be
positive.
Table 100.  Response data parameters description - Debit
Name
Length
Value
Description
Response
data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 101
Table 101.  Return code description - Debit
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC or encryption padding.
LENGTH_ERROR
7Eh
Command size not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com