Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 72Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 73Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 75Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 76Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 77Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 78Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 79Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
76 / 132
PCD to PICC
CLA
90
CMD
F5
P1
00
P2
00
Lc
01
1
1
1
1
1
Le
00
1
PICC to PCD
SW1
status
1
SW2
1
FileNumber
1
1
2
FileNumber
1
FileOption
3
FileSize
AccesRights
PICC to PCD
SW1
status
1
SW2
1
2
1
FileOption
4
LowerLimit
AccesRights
4
UpperLimit
1
LimitedCreditEnabled
4
LimitedCreditValue
PICC to PCD
SW1
status
1
SW2
1
2
1
FileOption
3
RecordSize
AccesRights
3
MaxNoOfRecs
3
CurrNoOfRecs
aaa-032206
PICC to PCD
SW1
status
1
SW2
1
2
1
FileOption
1
TMKeyOption
AccesRights
1
TMKeyVer
[2, 4]
TMCLimit
1
FileNumber
1
FileNumber
1
FileNumber
Figure 23.  GetFileSettings command protocol
Table 69. Command parameters description - GetFileSettings
Name
Length
Value
Description
Command Header Parameters
Cmd
1
F5h
Command code.
1
-
File number of the targeted file.
Bit 7-5
RFU
FileNo
Bit 4-0
File number
Command Data Parameters
-
-
-
No data parameters
Table 70. Response data parameters description - GetFileSettings - Targeting Data File
Name
Length
Value
Description
-
File Type of the targeted file.
00h
StandardData File
FileType
1
Other values
RFU
1
-
Options for the targeted file.
Bit 7-2
RFU
FileOption
Bit 1-0
CommMode (see Table CommunicationModes)
AccessRights 2
-
Set of access conditions for the 1st set in the
file (see Section 8.2.3.5).
FileSize
3
-
File size of the targeted file.
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 74
Table 71. Response data parameters description - GetFileSettings - Targeting Value File.
Name
Length
Value
Description
FileType
1
02h
File Type of the targeted file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com