Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 48Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 49Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 50Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 51Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 52Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 53Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 54Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 55Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
52 / 132
11.4 Authentication commands
Authentication with the defined key is required to access the protected file according to
access rights. Based on successful authentication session keys are generated, which are
used for secure messaging between the terminal and MF2DL(H)x0.
Remark:Default FWI settings for AES-based protocol for authentication and secure
messaging without LRP are set according to GSMA specification v2.0 to the value 7h.
This value is stored in the User ATS and is configurable. With the default setting of
FWI value 7h and use of Leakage Resilient Primitive, LRP commands with the need of
interrupt handling could abort. To avoid an abort of commands with the need of interrupt
handling, the recommendation is to change the FWI value from 7h to 8h. The change can
be applied by changing the configurable ATS within the Configuration Settings.
11.4.1 AuthenticateEV2First
This command initiates an authentication based on standard AES. After this
authentication, AES secure messaging is applied. This authentication command is
used to authenticate for the first time in a transaction and can always be used within
a transaction. AuthenticateEV2First starts a transaction with a Transaction Identifier
(TI) and AuthenticateEV2NonFirst continues the transaction with that TI. This 3-pass
challenge-response-based mutual authentication command is completed in two parts:
PICC to PCD
PCD to PICC
aaa-032196
CLA
90
Response data
E(Kx, RndB)
CMD
71
P1
00
P2
00
Lc
XX
1
1st Part
1
1
1
1
1
1
[1...6]
Le
00
1
KeyNo
LenCap PCDcap2
16
SW1
status
1
SW2
1
SW1
status
1
SW2
1
PICC to PCD
PCD to PICC
CLA
90
Response data
E(Kx, TI || RndA' || PDcap2 || PCDcap2)
CMD
AF
P1
00
P2
00
Lc
20
1
2nd Part
1
1
1
1
Le
00
1
32
32
Data
E(Kx, RndA || RndB')
Figure 13.  AuthenticateEV2First command protocol
Table 22.  Command parameters description - AuthenticateEV2First - Part1
Name
Length
Value
Description
Command Header Parameters
CMD
1
71h
Command code.
1
Targeted authentication key
Bit 7-6
00b
RFU
KeyNo
Bit 5-0
0h to 4h
Key number
LenCap
1
00h to 06h
Length of the PCD Capabilities.
[This value should be set to 00h].
[1]
-
Capability vector of the PCD.
Bit 7-2
Full range
RFU, can hold any value
PCDcap2.1
Bit 1
0b
EV2 secure messaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com