Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 33Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 34Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 35Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
32 / 132
9.2.2 Command counter
The Command counter (CmdCtr) is treated exactly in the same way by LRP secure
messaging as defined for AES secure messaging, see Section 9.1.2.
9.2.3 MAC calculation
MACs are computed by using a CMAC construction on top of the LRP primitive. This is
specified in [10]. This document uses the following notation where the right hand refers to
the notation of [10].
MACLRP(key,message) = CMAC_LRP(4,key, Len(message),message)
Note that in the LRP context a key is not purely a single value, but rather consists of
the associated set of plain texts, an updated key and in context of CMAC also the
subkeys K1 and K2. Therefore K1 and K2 are not shown (contrary to [10]) as they can be
calculated inside.
MACtLRP(key, message) denotes the CMAC after truncation to 8 bytes which is identical
to the truncation of the AES secure messaging i.e. the even-numbered bytes are retained
in most-to-least-significant order, see Section 9.1.3.
The initialization vector used for the CMAC computation is the zero byte IV as prescribed
[10].
9.2.4 Encryption
Encryption and decryption are calculated using a Leakage Resilient Indexed CodeBook
(LRICB) construction on top of the LRP primitive: LRICBof [10].
For this purpose an Encryption Counter is maintained: EncCtr is a 32-bit unsigned
integer as Input Vector (IV) for encryption/decryption. The EncCtr is reset to 000000000h
at PCD and PICC when starting an authentication with AuthenticateLRPFirst or
AuthenticateLRPNonFirst targeting LRP. The counter is incremented during each
encryption/decryption of each 16-byte block. i.e. for 64-byte encryption/decryption
the EncCtr is increased by 5 due to 4 blocks of 16-byte of data plus one block of
padding. Note that for AuthenticateLRPFirst the value 00000000h is already used for
the response of part 2, so the actual secure messaging starts from 00000001h. For
AuthenticateLRPNonFirst, secure messaging starts from 00000000h as the counter is not
used during the authentication. EncCtr is further maintained as long as the PICC remains
in LRP authenticated state. Note that for the key stream calculation [10], the counter is
represented MSB first.
Padding is applied according to Padding Method 2 of ISO/IEC 9797-1 [7], i.e. by adding
always 80h followed, if required, by zero bytes until a string with a length of a multiple
of 16 bytes is obtained. Note that if the plain data is a multiple of 16 bytes already, an
additional padding block is added. The only exception is during the authentication itself
(AuthenticateLRPFirst and AuthenticateLRPNonFirst), where no padding is applied at all.
The notation ELRP(key, plaintext) is used to denote the encryption, i.e. LRICBEnc of [10]
and DLRP(key, ciphertext) for the complementary decryption operation. Note that in the
LRP context a key is not purely a single value, but rather consists of the associated set
of plain texts and updated key. Also, as specified in [10], the EncCtr is updated as part of
the operation.
Note that the EncCtr cannot overflow. Due to the supported file sizes, the CmdCtr will
always expire before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com