Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 164 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 164 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 160Page - Texas Instruments AM2434...ALV Datasheet HTML 161Page - Texas Instruments AM2434...ALV Datasheet HTML 162Page - Texas Instruments AM2434...ALV Datasheet HTML 163Page - Texas Instruments AM2434...ALV Datasheet HTML 164Page - Texas Instruments AM2434...ALV Datasheet HTML 165Page - Texas Instruments AM2434...ALV Datasheet HTML 166Page - Texas Instruments AM2434...ALV Datasheet HTML 167Page - Texas Instruments AM2434...ALV Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 280 page
background image
7.10.5.8 GPMC
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
GPMC has one or more signals which can be multiplexed to more than one pin. Timing requirements
and switching characteristics defined in this section are only valid for specific pin combinations known
as IOSETs. Valid pin combinations or IOSETs for this interface is shown in Section 6.3.12.1.1.
Table 7-51 presents timing conditions for GPMC.
Table 7-51. GPMC Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.65
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
133 MHz Synchronous Mode
140
360
ps
All other modes
140
720
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all traces
200
ps
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
7.10.5.8.1 GPMC and NOR Flash — Synchronous Mode
Hold time, input wait GPMC_WAIT[j] valid after output clock GPMC_CLK high (th(clkH-waitV))
Table 7-52 and Table 7-53 present timing requirements and switching characteristics for GPMC and NOR Flash -
Synchronous Mode.
Table 7-52. GPMC and NOR Flash Timing Requirements — Synchronous Mode
see Figure 7-39, Figure 7-40, and Figure 7-43
NO.
PARAMETER
DESCRIPTION
MODE(5)
MIN
MAX
MIN
MAX
UNIT
GPMC_FCLK =
100 MHz(2)
GPMC_FCLK =
133 MHz(2)
F12 tsu(dV-clkH)
Setup time, input data
GPMC_AD[n:0](1) valid before
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.81
1.12
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.06
3.5
ns
F13 th(clkH-dV)
Hold time, input data
GPMC_AD[n:0](1) valid after output
clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.29
2.29
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.29
2.29
ns
F21 tsu(waitV-clkH)
Setup time, input wait
GPMC_WAIT[j](3) (4) valid before
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.81
1.12
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.06
3.5
ns
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
164
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com