Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 165 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 165 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 161Page - Texas Instruments AM2434...ALV Datasheet HTML 162Page - Texas Instruments AM2434...ALV Datasheet HTML 163Page - Texas Instruments AM2434...ALV Datasheet HTML 164Page - Texas Instruments AM2434...ALV Datasheet HTML 165Page - Texas Instruments AM2434...ALV Datasheet HTML 166Page - Texas Instruments AM2434...ALV Datasheet HTML 167Page - Texas Instruments AM2434...ALV Datasheet HTML 168Page - Texas Instruments AM2434...ALV Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 280 page
background image
Table 7-52. GPMC and NOR Flash Timing Requirements — Synchronous Mode (continued)
see Figure 7-39, Figure 7-40, and Figure 7-43
NO.
PARAMETER
DESCRIPTION
MODE(5)
MIN
MAX
MIN
MAX
UNIT
GPMC_FCLK =
100 MHz(2)
GPMC_FCLK =
133 MHz(2)
F22 th(clkH-waitV)
Hold time, input wait
GPMC_WAIT[j](3) (4) valid after
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.29
2.29
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.29
2.29
ns
(1)
Synchronous Mode supports 16-bit data bus up to 133 MHz and 32-bit data bus up to 100 MHz
(2)
GPMC_FCLK select
•
gpmc_fclk_sel[1:0] = 2b01 to select the 100MHz GPMC_FCLK
•
gpmc_fclk_sel[1:0] = 2b00 to select the 133MHz GPMC_FCLK
(3)
In GPMC_WAIT[j], j is equal to 0 or 1.
(4)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
(5)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For not_div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
For GPMC_FCLK_MUX:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = PER1_PLL_CLKOUT / 3 = 300 / 3 = 100MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
Table 7-53. GPMC and NOR Flash Switching Characteristics – Synchronous Mode
see Figure 7-39, Figure 7-40, Figure 7-41, Figure 7-42, and Figure 7-43
NO.
(3)
PARAMETER
DESCRIPTION
MODE
(17)
MIN
MAX
MIN
MAX
UNIT
100 MHz
133 MHz
F0
1 / tc(clk)
Period, output clock GPMC_CLK
(16)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
10.00
7.52
ns
F1
tw(clkH)
Typical pulse duration, output clock
GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.475P
- 0.3(15)
0.475P
- 0.3(15)
ns
F1
tw(clkL)
Typical pulse duration, output clock
GPMC_CLK low
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
0.475P
- 0.3(15)
0.475P
- 0.3(15)
ns
F2
td(clkH-csnV)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] transition
(14)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
F - 2.2
(6)
F +
3.75
F - 2.2
(6)
F +
3.75
ns
F3
td(clkH-CSn[i]V)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] invalid
(14)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
E - 2.2
(5)
E +
3.18
E - 2.2
(5)
E + 4.5
ns
F4
td(aV-clk)
Delay time, output address
GPMC_A[27:1] valid to output clock
GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
B - 2.3
(3)
B + 4.5 B - 2.3
(3)
B + 4.5
ns
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
165
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com