Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 166 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 162Page - Texas Instruments AM2434...ALV Datasheet HTML 163Page - Texas Instruments AM2434...ALV Datasheet HTML 164Page - Texas Instruments AM2434...ALV Datasheet HTML 165Page - Texas Instruments AM2434...ALV Datasheet HTML 166Page - Texas Instruments AM2434...ALV Datasheet HTML 167Page - Texas Instruments AM2434...ALV Datasheet HTML 168Page - Texas Instruments AM2434...ALV Datasheet HTML 169Page - Texas Instruments AM2434...ALV Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 280 page
background image
Table 7-53. GPMC and NOR Flash Switching Characteristics – Synchronous Mode (continued)
see Figure 7-39, Figure 7-40, Figure 7-41, Figure 7-42, and Figure 7-43
NO.
(3)
PARAMETER
DESCRIPTION
MODE
(17)
MIN
MAX
MIN
MAX
UNIT
100 MHz
133 MHz
F5
td(clkH-aIV)
Delay time, output clock GPMC_CLK
rising edge to output address
GPMC_A[27:1] invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3
4.5
-2.3
4.5
ns
F6
td(be[x]nV-clk)
Delay time, output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n valid to output
clock GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
B - 2.3
(3)
B + 1.9 B - 2.3
(3)
B + 1.9
ns
F7
td(clkH-be[x]nIV) Delay time, output clock GPMC_CLK
rising edge to output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n invalid
(11)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
D -
2.3(4)
D + 1.9 D - 2.3
(4)
D + 1.9
ns
F7
td(clkL-be[x]nIV)
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
invalid
(12)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
D - 2.3
(4)
D + 1.9 D - 2.3
(4)
D + 1.9
ns
F7
td(clkL-be[x]nIV). Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
invalid
(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
D - 2.3
(4)
D + 1.9 D - 2.3
(4)
D + 1.9
ns
F8
td(clkH-advn)
Delay time, output clock GPMC_CLK
rising edge to output address
valid and address latch enable
GPMC_ADVn_ALE transition
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
G -
2.3(7)
G + 4.5 G - 2.3
(7)
G + 4.5
ns
F9
td(clkH-advnIV)
Delay time, output clock GPMC_CLK
rising edge to output address
valid and address latch enable
GPMC_ADVn_ALE invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
D - 2.3
(4)
D + 4.5 D - 2.3
(4)
D + 4.5
ns
F10 td(clkH-oen)
Delay time, output clock GPMC_CLK
rising edge to output enable
GPMC_OEn_REn transition
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
H -
2.3(8)
H + 3.5 H - 2.3
(8)
H + 3.5
ns
F11 td(clkH-oenIV)
Delay time, output clock GPMC_CLK
rising edge to output enable
GPMC_OEn_REn invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
H - 2.3
(8)
H + 3.5 H - 2.3
(8)
H + 3.5
ns
F14 td(clkH-wen)
Delay time, output clock GPMC_CLK
rising edge to output write enable
GPMC_WEn transition
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
I - 2.3
(9)
I + 4.5
I - 2.3
(9)
I + 4.5
ns
F15 td(clkH-do)
Delay time, output clock GPMC_CLK
rising edge to output data
GPMC_AD[n:0](1) transition
(11)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J - 2.3
(10)
J + 2.7
J - 2.3
(10)
J + 2.7
ns
F15 td(clkL-do)
Delay time, GPMC_CLK falling
edge to GPMC_AD[n:0](1) data bus
transition
(12)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J - 2.3
(10)
J + 2.7
J - 2.3
(10)
J + 2.7
ns
F15 td(clkL-do).
Delay time, GPMC_CLK falling
edge to GPMC_AD[n:0](1) data bus
transition
(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J - 2.3
(10)
J + 2.7
J - 2.3
(10)
J + 2.7
ns
F17 td(clkH-be[x]n)
Delay time, output clock GPMC_CLK
rising edge to output lower byte
enable and command latch enable
GPMC_BE0n_CLE transition
(11)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J - 2.3
(10)
J + 1.9
J - 2.3
(10)
J + 1.9
ns
F17 td(clkL-be[x]n)
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
transition
(12)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J - 2.3
(10)
J + 1.9
J - 2.3
(10)
J + 1.9
ns
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
166
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com