Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 41Page - STMicroelectronics L9300 Datasheet HTML 42Page - STMicroelectronics L9300 Datasheet HTML 43Page - STMicroelectronics L9300 Datasheet HTML 44Page - STMicroelectronics L9300 Datasheet HTML 45Page - STMicroelectronics L9300 Datasheet HTML 46Page - STMicroelectronics L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 182 page
background image
9.1.2
Reset outputs electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 3.1 V ≤ VDDIO ≤ 5.2 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to
GND pin.
Table 17. Reset outputs electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
RES1 Input
RES1_L_IN
RES1 low input voltage
0.75
V
RES1
RES1_H_IN
RES1 high input voltage
1.75
V
RES1
RES1_IN_tdeglitch
RES1 to digital, digital deglitch
filter
Guaranteed by scan
4.75
5
6.25
µs
RES1
RES1 Output
VSTN
RES1 activation voltage
(minimum VDDIO voltage to
activate reset output)
Guaranteed by design
1
V
RES1_L
RES1 low level
VDDIO ≥ 1 V ext 1 kΩ pull up to VDDIO
0.4
V
RES1
IRES1_L
RES1 current capability
VDDIO = 4.5 V, RES1 in reset condition
VRES1 = 0.4 V
5
30
mA RES1
RES1_H
RES1 high level
No reset condition 1 kΩ pull up to VDDIO
VDDIO
-50 mV
VDDIO
V
RES1
Ileak_RES1
Leakage current in off condition
RES1 = 5 V
10
µA
RES1
Vclamp
RES1 clamp voltage
Isource = 10 mA
5.5
7
V
RES1
RES1_RT
RES1 rise time
Cload = 100 pF, Rpull up = 1 kΩ
0.1
1.5
µs
RES1
RES1_FT
RES1 fall time
Cload 100 pF, Rpull up = 1 kΩ
0.1
0.8
µs
RES1
RES2 Output
VSTN
RES2 activation voltage
(minimum VDDIO voltage to
activate reset output)
Guaranteed by design
1
V
RES2_L
RES2 low level
VDDIO ≥ 1 V ext 1 kΩ pull up to VDDIO
0.4
V
RES2
IRES2_L
RES2 current capability
VDDIO = 4.5 V, RES2 in reset condition
VRES2 = 0.4 V
5
30
mA RES2
RES2_H
RES2 high level
No reset condition 1 kΩ pull up to VDDIO
VDDIO
-50 mV
VDDIO
V
RES2
Ileak_RES2
Leakage current in off condition
/RES2 = 5 V
-
-
10
µA
RES2
Vclamp
RES2 clamp voltage
Isource = 10 mA
5.5
7
V
RES2
RES2_RT
RES2 rise time
Cload 100pF, Rpull up = 1 kΩ
0.1
0.8
µs
RES2
RES2_FT
RES2 fall time
Cload 100pF, Rpull up = 1 kΩ
0.1
0.8
µs
RES2
RES Timings
Ton_RES1
Reset filter
Guaranteed by scan
10
12
14
ms RES1
Ton_RES2
Reset filter
Guaranteed by scan
1.2
1.6
2
ms RES2
RES2_dly
Reset 2 delay
Guaranteed by scan
2
3
4
µs
RES2
L9300
Resets outputs
DS12258 - Rev 4
page 45/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com