Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 44Page - STMicroelectronics L9300 Datasheet HTML 45Page - STMicroelectronics L9300 Datasheet HTML 46Page - STMicroelectronics L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 182 page
background image
9.3.3
Internal supply error handling
Table 22. Internal supply error handling
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
V33_AN_uv
ON state
All Outputs OFF, SPI registers reset as
described in SPI register map
N.D.
Automatic with retrigger of power-up
sequence after fault disappears
V33_DIG_uv
ON state
All Outputs OFF, SPI registers reset as
described in SPI register map
N.D.
Automatic with retrigger of power-up
sequence after fault disappears
9.4
Reference oscillator
9.4.1
Reference voltage functional description
The device uses an internal 16 MHz oscillator, trimmed for 7% accuracy, as system clock for digital circuits and as
time base for digital timings and filters. Since a loss of the reference frequency would cause a stuck in the logic
core, this oscillator is duplicated and redundancy is used to guarantee the correct functionality.
To reduce emissions of the main logic core and of the switching circuits in general, spread spectrum is operating
on the main oscillator. A Synchronous Digital Modulator generates 64 total steps to the spread spectrum input.
Half of them modulate the oscillator with a frequency higher than 16 MHz, half of them modulate the oscillator
with a frequency lower than 16 MHz. The frequency deviation is about: ±32 (steps) x 0.1% (spread spectrum
resolution) = ±3%.The 64 different levels at 16 MHz average rate result in a modulation frequency of 16 MHz /
128 = 125 KHz. The central 16 MHz frequency is varied by a triangular modulation at 125 kHz with 3% of
modulation index. Spread spectrum is always active and can be disabled setting the proper bit in the SERVICE
ENABLE register.
9.4.2
Reference oscillator electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
Table 23. Reference oscillator electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Internal Oscillator
fOSCINT
Internal Oscillator main frequency
-7%
16
+7%
MHz
fOSCINT_mod_freq
Spread spectrum modulation frequency
Guaranteed by scan
125
kHz
fOSCINT_mod_id_min
Spread spectrum minimum modulation index
-5
-3
%
fOSCINT_mod_id_max
Spread spectrum miaximum modulation index
3
5
%
9.5
Thermal monitor
9.5.1
Thermal monitor functional description
To guarantee current control accuracy and real time calibration, the temperature of the die is continuously
monitored through a sigma-delta temperature sensor; temperature information is coded in digital domain in an
8-bit word stored into a dedicated SPI register. If the die overheats above T_SD_int threshold, solenoid driver
and regulators are disabled until die temperature decreases below turn-off threshold. Die temperature can be
calculated with the following formula:
T= SPICODE
255  ×305 −85 ℃
9.5.2
Thermal monitor electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
L9300
Reference oscillator
DS12258 - Rev 4
page 48/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com