Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 85Page - STMicroelectronics L9300 Datasheet HTML 86Page - STMicroelectronics L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 182 page
background image
Figure 55. State evolution in case of WD_TO_RST_EN=1
WAIT
IDLE
WAIT
WAIT
WAIT
WAIT
1st Seed Request
t = T_Valid_Req_Start
&&
Request = No Req
WAIT
WD_CNT--
Answer = YES
&&
t < T_Valid_Answ_Start
WD_CNT--
Answer = YES
&&
t < T_Valid_Answ_Start
elseif (Answer==wrong) then WD_CNT--
If (Answer==correct) then WD_CNT++
Answer = YES
&&
T_Valid_Answ_Start < t < T_Valid_Answ_End
WD_CNT--
Answer = YES
&&
T_Valid_Answ_End < t < T_Answ_TimeOut
Answer = No Answer
&&
t = T_Valid_Answ_End
ANSWER 3
WD_RST
Answer = No Answer
&&
t = T_Answ_TimeOut
ANSWER 2
Answer = No Answer
&&
t = T_Valid_Answ_Start
WD_CNT--
Request = YES
&&
t < T_Valid_Req_Start
WD_CNT--
Request = YES
&&
T_Valid_Req_End < t < T_Req_TimeOut
Request = YES
&&
T_Valid_Req_Start < t < T_Valid_Req_End
REQ 1
WD_RST
Request = No Req
&&
t = T_Req_TimeOut
Request = No Req
&&
t = T_Valid_Req_End
REQ 2
REQ 3
ANSWER 1
Depending on the value of the WD_CNT counter the ASIC stops the actuation, sends the WD_RST or performs
the actuation.
The WD_CNT is incremented, by a number of steps as defined through the SPI configurable parameter
WD_cnt_good_step, when a correct answer is given in the right time interval.
In all the other cases, as defined in the WD state machine (Figure 56), the WD_CNT is decremented by a number
of steps as defined through the SPI configurable parameter WD_cnt_bad_step.
If WD_CNT reaches the value of zero:
•
An internal WD_RST is generated, the WD_RST_Cnt_Value is updated and the WD_Cnt_Flag is set.
•
the WD FSM stops and moves to its initial state (IDLE) waiting for a new Query for restarting
•
the freeze on the configuration registers is removed
•
the drivers are disabled, to have the device in a safe condition
•
If WD_RST_EN is set to 1 then a WD_RST will be sent by the ASIC
Two different thresholds are defined (both programmable through SPI): WD_th_low and WD_th_high.
If WD_CNT value is lower than WD_th_low, but greater than zero, there will be no actuation (Solenoid Channels,
Motor Pump, Fail Safe and GPO are impacted) such as any WD_RST.
If WD_CNT is greater than WD_th_low and lower than WD_th_high the load actuation is managed in hysteresis
mode:
If actuation is ON (Solenoid Channels, Motor Pump, Fail Safe and GPO are impacted) it will be stopped only
when WD_CNT becomes lower than WD_th_low, while if actuation was OFF it will be performed only when
WD_CNT becomes equal to WD_th_high and only when WD_CNT exceeds this threshold loads are actuated.
L9300
Q&A watchdog functional description
DS12258 - Rev 4
page 89/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com