Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 95 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
15.1.3
CAN Sleep Mode
During active mode it is possible to deactivate the CAN transceiver with a dedicated SPI command. The CAN
transceiver remains deactivated until it is activated again. With a deactivated CAN the receiver input termination
network is disconnected from the bus and the CANH, CANL bus lines are driven to GND.
15.1.4
CAN receive-only mode
With a configuration bit in control register it is possible to disable the CAN transmitter in active mode. In this mode
it is possible to listen to the bus but not to send to it. The receiver termination network is still activated in this
mode. The same effect can be obtained driving high the CAN_DIS pin.
15.1.5
CAN looping mode
If the proper configuration bit in control register is set the TxDC input is mapped directly to the RxDC Pin. This
mode can be used in combination with the CAN receive-only mode, to run diagnosis for the CAN protocol handler
of the microcontroller.
15.1.6
CAN disable
CAN transmitter can be disabled through a dedicated pin active high. In this mode it is possible to listen to
the bus, but not to send to it. The receiver termination network is still activated in this mode (same as CAN
Receive-only Mode).
Figure 61. CAN transition time
90 %
10 %
10 %
90 %
tTHSd
tTHSr
CAN_H
CAN_L
GADG0708171014PS
15.2
CAN electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 4.8 V ≤ CANVDD ≤ 5.2 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer
to GND pin.
Table 53. CAN electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Input Pin
VTXDCLOW
Input voltage dominant
threshold
Active mode
0.75
V
TXD
VTXDCHIGH
Input voltage recessive
threshold
Active mode
1.75
V
TXD
VTXDCHYS
VTXDCHIGH-
VTXDCLOW
Active mode
0.2
0.4
V
TXD
RTXDCPU
TXDC pull up resistor
Active Mode, Pull-up to internal
logic supply
10
60
µA
TXD
Vil(CAN_DIS)
Low Input Voltage
0.75
V
CAN_DIS
Vih(CAN_DIS)
High Input Voltage
1.75
V
CAN_DIS
L9300
CAN electrical characteristics
DS12258 - Rev 4
page 95/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com