Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 182 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD3_SEL
ovs_b
Overshoot at VBATP
step
VBATP step from 5.5 V to 13 V during
10 µs, IVDD3 = 500 mA, CVDD3 = 5 µF,
Guaranteed by design
10%
V
VDD3_SEL
VDD3_SEL soft
Slope control
VDRAIN=VBATP = 13 V IVDD3 =
10 mA, CVDD3 = 4.7 µF
1
5
V/ms VDD3_SEL
Diagnostic
VDD3_UV
VDD3_SEL undervoltage
VDD3_SEL
typ * (9.1/10)
VDD3_SEL
typ * (9.6/10)
V
VDD3_SEL
VDD3_UV_ft
VDD3_SEL undervoltage
filter time
Guaranteed by scan
8
16
µs
VDD3_SEL
VDD3_OV
VDD3_SEL overvoltage
VDD3_SEL
typ * (11/10)
VDD3_SEL
typ * (11.8/10)
V
VDD3_SEL
VDD3_OV_ft
VDD3_SEL overvoltage
filter time
Guaranteed by scan
16
32
µs
VDD3_SEL
1. If VDRAIN is supplied by VDD1, the value of the optional filtering capacitor must be chosen taking into
account VDD1 current limitation value vs in-rush current during regulator power-up and supply transients.
8.3.3
VDD3 error handling
Table 11. VDD3 type errors
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
VDD3 under voltage
ON state
RES1, RES2 driven low. VDD3 UNDER VOLTAGE SPI
flag (6) latched in SERVFLT register
On read
Automatic after fault
disappears
VDD3 over voltage
ON state
RES1, RES2 driven low. VDD3 OVER VOLTAGE SPI
flag (8) latched in SERVFLT register
On read
Automatic after fault
disappears
8.4
VDD4
8.4.1
VDD4 functional description
VDD4 is a linear regulator that can work with an external N-channel FET. An external feedback resistor sets the
output voltage of the regulator.
To configure VDD4 to work as a linear regulator, the VDD4_SH pin has to be left floating; the configuration
(VDD4_SH connected to supply line or open) is latched after VDD1 has reached. VDD_st_en threshold to avoid
wrong configuration detection during battery ramp-up. When used in linear configuration the unused pins can be
left floating (alternatively VDD4_BTS can be shorted with VDD4S to the source of external FET). Echo of the
latched configuration is available in SPI registers.
Dedicated monitors are present on VDD4_SEL pin to detect VDD4 undervoltage and overvoltage conditions;
voltage monitors are not masked during the power-up phase.
L9300
VDD4
DS12258 - Rev 4
page 28/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com