Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 2 Page - STMicroelectronics

  L9300 Datasheet HTML 1Page - STMicroelectronics L9300 Datasheet HTML 2Page - STMicroelectronics L9300 Datasheet HTML 3Page - STMicroelectronics L9300 Datasheet HTML 4Page - STMicroelectronics L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
1
Main features details
1.1
Supplies
1.1.1
VDD1 regulator
VDD1 is a buck regulator with internal N-ch FET that can provide 6.5 V or 5 V with 3% accuracy.
1.1.2
VDD2 regulator
VDD2 is a configurable internal regulator. It can work as tracking regulator (± 20 mV) or linear 5 V regulator (2%
accuracy) and can provide up to 200 mA. VDD2 regulator is short to battery protected
1.1.3
VDD3 regulator
VDD3 is a linear regulator based on an external pass transistor. The output voltage selection is obtained through
an external voltage divider. The accuracy of VDD3 is ± 2%.
1.1.4
VDD4 regulator
VDD4 is a linear regulator based on an external pass transistor. The output voltage selection is obtained through
an external voltage divider. The accuracy of VDD4 is ± 2%.
1.1.5
TRK 1, 2, 3, 4
TRK1, TRK2, TRK3, TRK4 are 4 additional configurable tracking regulators. The regulators track the TRK_SEL
pin voltage with an error of ± 20 mV. The tracking regulator outputs can be configured to be used alternatively as
wheel speed interfaces.
1.2
Valve drivers
1.2.1
Current controlled channels
The device provides 6 current controlled channels. Each channel is based on a LS/HS driver structure. The
device is able to work as low–side driver (with high–side active freewheeling) or as high–side driver (with low–side
active freewheeling).
1.3
Others
1.3.1
High–side pre-driver
The device provides 2 High–side pre-drivers, and one of them is able to work in PWM mode up to roughly 18 kHz.
1.3.2
Watchdog
Watchdog functionality to monitor CPU activity.
1.3.3
CAN
The device includes a CAN interface.
1.3.4
RESET
The device includes two Reset pins. Both of them can be used as output while one of them can be used also as
input.
L9300
Main features details
DS12258 - Rev 4
page 2/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com