Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 182 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
RIN_MATCH
Internal resistor matching
CANH,CANL
Active mode & Stand-
by mode, CONFIG=16V;
VTXDC=VTXDCHIGH; No Load
RIN(CANH) – RIN(CANL)
3
%
CANH,
CANL
RIN_DIFF
Differential internal
resistance
Active mode & Stand-by
mode, CONFIG=16 V;
VTXDC=VTXDCHIGH; No Load
40
68
100
kΩ
CANH,
CANL
CIN
Internal capacitance
Guaranteed by design
20
50
pF
CANH,
CANL
CIN_DIF
Differential internal
capacitance
Guaranteed by design
10
pF
CANH,
CANL
VTHDOM
Differential receiver
threshold voltage
recessive to dominant
state
Active mode
0.9
V
CANH,
CANL
VTHDOMLP
Differential receiver
threshold voltage
recessive to dominant
state (low power mode)
Stby mode, CONFIG = 16 V
1.15
V
CANH,
CANL
VTHREC
Differential receiver
threshold voltage
dominant to recessive
state
Active mode
0.5
V
CANH,
CANL
VTHRECLP
Differential receiver
threshold voltage
dominant to recessive
state (low power mode)
Stby mode, CONFIG=16 V
0.2
V
CANH,
CANL
CAN Transmitter Timings
tTxPD_HL
Propagation delay TXDC
to RXDC (High to Low)
Active mode; 50%VTXDC to 50%
VRXDC; CRXDC=100 pF; RL =
60 Ω
0
255
ns
CANH,
CANL
tTxPD_LH
Propagation delay TXDC
to RXDC (Low to High)
Active mode; 50%VTXDC to 50%
VRXDC; CRXDC = 100 pF; RL =
60 Ω
0
255
ns
CANH,
CANL
tWUF
Wake up filter time
Guaranteed by scan
0.5
5
µs
CANH,
CANL
tTXDC_DOM_TO TXDC dominant time-out
Guaranteed by scan
800
1280
µs
CANH,
CANL
tCAN_DOM_TO
CAN permanent
dominant time-out
Guaranteed by scan
800
1280
µs
CANH,
CANL
tTHSd
State transition time
Measured between 10% to 90%
10
64
80
ns
CANH,
CANL
tTHSr
State transition time
Measured between 10% to 90%
10
16
80
ns
CANH,
CANL
L9300
CAN electrical characteristics
DS12258 - Rev 4
page 97/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com