Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 99 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 182 page
background image
16
SPI interface and register mapping
16.1
SPI functional description
The SPI interface is used to configure the device, control the outputs and read the diagnostic and status registers.
The SPI interface comprises:
•
Supply: VDDIO
•
Inputs: SCLK, SDI, CS
•
Output: SDO
The SPI Frame is hereafter described:
Figure 62. SPI Frame
SDI Frame (from Master SPI)
SDO Frame (to Master SPI)
31
Wr/Rdn
15
Data Bit[12:0]
31
Short Frame Error
15
Data Bit[12:0]
30
Add[6:0]
14
30
Long Frame Error
14
29
13
29
CRC Error
13
28
12
28
Channel
Exceptions[5:0]
12
27
11
27
11
26
10
26
10
25
9
25
9
24
8
24
8
23
Reserved = 0
7
23
7
22
Data[19:13]
6
22
Data[19:13]
6
21
5
21
5
20
4
20
4
19
3
19
3
18
2
CRC[2:0]
18
2
CRC[2:0]
17
1
17
1
16
0
16
0
GADG0708171218PS
CRC error and frame length error are reported on SDO of the frame following the corrupted one.
L9300
SPI interface and register mapping
DS12258 - Rev 4
page 99/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com