Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics L9300 Datasheet HTML 39Page - STMicroelectronics L9300 Datasheet HTML 40Page - STMicroelectronics L9300 Datasheet HTML 41Page - STMicroelectronics L9300 Datasheet HTML 42Page - STMicroelectronics L9300 Datasheet HTML 43Page - STMicroelectronics L9300 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 182 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
TRKn_error
Matching error
TRK_SEL – TRKn VDD1 ≥ 6 V,
10 mA ≤ ITRKn ≤ 100 mA
-20 m
+20 m
V
TRKn
TRKn_line
Line regulation
VDD1 6 V to 19 V, ITRKn =
10 mA, 100 mA
-10
+10
mV
TRKn
TRKn_load
Load regulation
ITRKn = 10 mA to 100 mA, VBATP
6 V, 19 V
-10
+10
mV
TRKn
TRKn_Vout_tr1
Transient output
voltage 1
VBATP = 13 V ITRKn = 10 mA
to 100 mA dI/dt = 100 mA/µs
CTRKn = 2.2 µF Guaranteed by
design
-5
+5
%
TRKn
TRKn_Vout_tr2
Transient output
voltage 2
VDD1 ≥ 6 V dVDD1/dt = 3 V/µS
ITRKn = 10 mA, 100 mA CTRKn =
2.2 µF Guaranteed by design
-5
+5
%
TRKn
TRKn_RdsON
RdsON
Tj =150 °C
8
Ω
TRKn
TRKn_RdsON
RdsON
Tj =175 °C Guaranteed by design
9
Ω
TRKn
TRKn_PSSR
PSSR
VDD1 = 6.5 V, ITRKn = 100 mA,
Vnoise = 1 Vpp, fnoise = 465
kHz, CVDD2 = 2.2 µF Guaranteed
by design
20
dB
TRKn
TRKn_cur lim
Current limitation
TRKn = -2 V
150
350
mA
TRKn
TRKn_rev cur
Reverse current in off
condition
TRKn = VBATP + 2 V TRKn
disabled
0.2
2
mA
TRKn
TRKn_rev cur
Reverse current in on
condition
TRKn = VBATP + 2 V TRKn
enabled
0.2
2
mA
TRKn
TRKn_ovs_a
Overshoot at power on
ITRKn = 10 mA CTRKn = 2.2 µF
5.5
V
TRKn
TRKn_ovs_b
Overshoot at VBATP
step
VBATP step from 5.5 V to 13 V
during 10 µs, considering ITRKn
= 100 mA CTRKn = 2.2 µF
Guaranteed by design
5.7
V
TRKn
TRKn_off
Off state voltage
1
V
TRKn
Diagnostic
TRKn_rev_cur_det
Reverse current
detection voltage
VDD1
VDD1+0.2
V
TRKn
T_SD_TRK
Temperature shut down
175
185
°C
TRKn
T_SD_hy
Temperature shut down
hysteresis
5
10
°C
TRKn
T_SD_deglitch
Digital deglitch filter
time
Guaranteed by scan
7.5
10
12.5
µs
TRKn
Wheel Speed Sensor Configuration
CTRK
TRK load capacitance
Application note
6
nF
TRKn
VTRKnmax
Max. output voltage
VDD1
V
TRKn
TRKn_RdsON
RdsON
Tj=150 °C Up to ILIMTH
8
Ω
VDD2
RTRKn
Output resistance
Tj=175 °C Up to ILIMTH,
Guaranteed by design
9
Ω
TRKn
IBO
Base Current
Auto-adjusting option (default
value)
+9%
-7
-9%
mA
TRKn
ITH1
7-14 mA detection
-9%
-9.8
+9%
mA
TRKn
ITH2
14-28 mA detection
-9%
-19.6
+9%
mA
TRKn
L9300
TRK 1, 2, 3, 4
DS12258 - Rev 4
page 40/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com