Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics L9300 Datasheet HTML 39Page - STMicroelectronics L9300 Datasheet HTML 40Page - STMicroelectronics L9300 Datasheet HTML 41Page - STMicroelectronics L9300 Datasheet HTML 42Page - STMicroelectronics L9300 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
All outputs are independently protected against a short to battery condition. Short to battery protection
disconnects the channel from its supply rail to guarantee that no adverse condition occurs within the IC. The
short-to-battery detection circuit has input offset voltage (10 mV, minimum) to prevent disconnecting of the output
under an open circuit condition.
In order to prevent back feeding, a reverse protection diode is integrated. A short to battery is detected when the
output TRKn pin voltage increases above the supply pin voltage for a TSTBTH time. An internal up-counter will
count in 1.5 µs increment up to TSTBTH. The counter will be cleared if the short condition is not present for at
least 1.5 µs. Other channels are not affected in case of short of one output pin. Output in short resumes normal
operation once the fault condition is removed. As in the case previously described, the fault code can be read
from fault bits.
Leakage to Battery, Open condition
The sensor interface also offers an open condition detection. The auto-adjusting counter for satellite current
sensing will drop in case the current flowing through TRKn pin is lower than 1mA. The fault code can be read from
fault bits. The channel in this condition is not shutdown.
Leakage to Ground
The sensor interface offers as well the detection of a leakage to ground condition that will possibly raise
the sensor current higher than operating range, but still lower than the overcurrent detection threshold. The
CURRENT_HI fault flag is asserted when the fault condition lasts for longer than deglitch filter time. This fault flag
can be read from WSIRSDRx registers. The channel in this condition is not shutdown. Two leakage to ground
thresholds are implemented depending on the configured sensor: for standard 2 levels sensors, an instantaneous
threshold is set, while for other sensors a lowest threshold on evaluated base current can be used. Selection of
the proper threshold is automatically done configuring the sensor via SPI registers.
Thermal shutdown
Each output is protected by an over-temperature detection circuit: in case the remote sensor interface thermal
protection is triggered, only the output stage that provides a current limitation flag is disabled and a corresponding
thermal fault is latched (WSITEMP) and reported in the Remote Sensor Data Register (WSIRSDRx). The thermal
fault flag is cleared when the sensor channel is first disabled and then re-enabled through the Remote Sensor
Configuration Register (WSIRSCRx). The digital channel stays off until the register fault is set while the wheel
speed supply automatically recovers as soon as the fault condition disappears.
8.5.3
WSI electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
Table 15. WSI electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Configuration Input
VIL
Logic Input Low Voltage
-
0.75
V
TRK_SEL
VIH
Logic Input High
Voltage
1.75
-
V
TRK_SEL
Vhysteresis
Input hysteresis Voltage
0.1
1
V
TRK_SEL
TRK_SELPD
TRK_SEL pull down
TRK_SEL = 5 V
10
50
100
µA
TRK_SEL
Tracking Regulator Configuration
ITRKn
Output load current
Application note
10
100
mA
TRKn
CTRKn
Output capacitor
Application note
-25%
2.2
+25%
µF
TRKn
CTRKn ESR
Output capacitor ESR
Application note f ≤ 150 kHz
0.01
1
Ω
TRKn
CTRKn EXT
External sensor
capacitor
Application note max drivable cap
in parallel with CTRKn
150
µF
TRKn
TRK_SEL vol
TRK_SEL range
Application note
3
5
V
TRK_SEL
TRKn_Vout
Regulated output
voltage
3.3 V ≤ TRK_SEL ≤ 5 V VDD1 ≥
6 V, 10 mA ≤ ITRKn ≤ 100 mA
TRK_SEL –
20 mV
TRK_SEL
TRK_SEL +
20 mV
V
TRKn
L9300
TRK 1, 2, 3, 4
DS12258 - Rev 4
page 39/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com