Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 182 page
background image
Figure 37. HS configuration diagnostic
HS GATE
DRIVER
off state
LS GATE
DRIVER
off state
gm
VTVBAT
I_HS_PU
I_HS_PD
LOADx
RETURNx
VSx
VTOPEN
DIAGOL
DIAGLV
VOUTOPEN
+
–
+
–
+
–
LOAD
GADG2709181314PS
Table 36. HS diagnostic truth table
Comparator Output
FAULT DETECTION
Exception Registers [6:5]
DIAGOL
DIAGLV
OPEN LOAD
SHORT
0
0
Short to Battery
0
0
0
1
Not possible
0
0
1
0
Open load
1
0
1
1
Normal operation – no fault-
0
0
10.1.2
Solenoid driver electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VSx ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to
GND pin.
Table 37. Solenoid driver electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
Enable Input
VIL
Logic Input Low Voltage
0.75
V
EN_DR
VIH
Logic Input High Voltage
1.75
V
EN_DR
Vhysteresis
Input hysteresis Voltage
0.1
1
V
EN_DR
EN_DRPD
EN_DR pull-down
INx = 5 V
10
50
100
µA
EN_DR
EN_DR_deglitch EN_DR deglitch filter time
Guaranteed by scan
1
2
µs
EN_DR
VIL
Logic Input Low Voltage
0.75
V
INx
VIH
Logic Input High Voltage
1.75
V
INx
Vhysteresis
Input hysteresis Voltage
0.1
1
V
INx
INxPD
INx pull-down
INx = 5 V
10
50
100
µA
INx
L9300
Solenoid driver
DS12258 - Rev 4
page 63/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com