Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 182 page
background image
8.4.3
VDD4 error handling
Table 13. VDD4 type errors
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
VDD4 under voltage
ON state
RES1 driven low. VDD4 UNDER VOLTAGE SPI flag
(7) latched in SERVFLT register
On read
Automatic after fault
disappears
VDD4 over voltage
ON state
RES1 driven low. VDD4 OVER VOLTAGE SPI flag (9)
latched in SERVFLT register
On read
Automatic after fault
disappears
8.5
TRK 1, 2, 3, 4
TRK1, TRK2, TRK3, TRK4 are four tracking regulators that can be configured to work also as wheel speed
interface depending on the voltage applied on TRK_SEL pin. All four regulators act as wheel speed interface
in case the TRL_SEL pin is grounded, otherwise each regulator tracks independently the voltage provided at
TRK_SEL pin (3.3 ≤ TRK_SEL ≤ 5) with a matching error of ± 20 mV. Since TRK outputs can be used to track
VDD3 or VDD4 voltages, their configuration is masked and they are kept disabled until both VDDx voltages are
above their undervoltage threshold to avoid wrong configuration detection during power-up. Once triggered the
configuration is latched and the echo of the configuration is provided in SPI registers.
8.5.1
Tracking regulator configuration
Functional description
Connecting TRK_SEL to either VDD3 or VDD4 output voltage or an external voltage reference the TRKn outputs
are configured as tracking regulators and start providing an output voltage in track with the desired reference. The
four TRKn outputs are however able to track only voltages starting from 3.3V.
TRK outputs are short to battery protected to avoid reverse current into VDD1 pin: in case the protection is
triggered a diagnostic bit is set in the dedicated SPI register.
An out of regulation comparator is implemented: this comparator senses when the internal current limitation
circuitry is activated to regulate properly the output voltage due to either a low drop condition or an overcurrent
condition. Once out of regulation condition is detected a flag is set in SPI registers and latched until read. The
diagnostic is not masked during power-up phase.
TRK regulators have a thermal protection with thermal sensors shared with VDD2 regulator. In case the
temperature threshold is reached and the out of regulation flag is set, only the regulator in fault condition is
turned off and a dedicated diagnostic bit is set. Once the sensed temperature is decreased below the shutdown
threshold plus a thermal hysteresis, the regulator is automatically turned on with soft start function. T_SD_TRK is
the bit that latches the thermal shutdown and it is cleared on SPI read.
L9300
TRK 1, 2, 3, 4
DS12258 - Rev 4
page 31/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com