Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 5 Page - STMicroelectronics

  LDO40L Datasheet HTML 1Page - STMicroelectronics LDO40L Datasheet HTML 2Page - STMicroelectronics LDO40L Datasheet HTML 3Page - STMicroelectronics LDO40L Datasheet HTML 4Page - STMicroelectronics LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
4
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input supply voltage
-0.3 to 40
V
VOUT, VSENSE
Output voltage
-0.3 to 12
V
VADJ
Adjust pin voltage
-0.3 to VOUT
V
VEN
Enable pin voltage
-0.3 to VIN
V
IOUT
Output current
Internally limited
A
PD
Power dissipation
Internally limited
W
ESD
Charge device model
± 500
V
Human body model
± 2000
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature
-65 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
DFN6
Unit
RthJA
Thermal resistance, junction-to-ambient
42
°C/W
RthJC
Thermal resistance, junction-to-case
5
°C/W
Note:
RthJA for DFN6 based on a 4-layer JEDEC PCB (2S2P) test board with 2 thermal vias.
LDO40L
Absolute maximum ratings
DS12711 - Rev 3
page 5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com