Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 1 Page - STMicroelectronics

  LDO40L Datasheet HTML 1Page - STMicroelectronics LDO40L Datasheet HTML 2Page - STMicroelectronics LDO40L Datasheet HTML 3Page - STMicroelectronics LDO40L Datasheet HTML 4Page - STMicroelectronics LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DFN6
(wettable flanks)
Features
•
AEC-Q100 qualified
•
Low quiescent current: typ. 45 µA at no load
•
Wide input voltage operating range up to 38 V
•
Low startup voltage: 3.5 V
•
Output current up to 400 mA
•
Output voltage options: Adj from 2.5 V and fixed, 3.0, 3.3, 5.0 and 8.5 V
•
Output voltage accuracy:
–
± 1% typ. @ 25 °C
–
± 3% (including line, load and temperature variation)
•
Ultra low-dropout:
–
36 mV @ 100 mA load current
–
140 mV @ 400 mA load current
•
High PSRR: 70 dB @ 1 kHz
•
Very low noise: 20 µVRMS/VOUT
•
Protection features: current limitation, thermal shutdown
•
-40 °C to +125 °C operating temperature range
•
Package: DFN6 (3x3) (wettable flanks)
Applications
•
Automotive applications
•
Body control modules
•
Instruments and clusters
•
Automotive LED lighting
Description
The LDO40L is a 400 mA LDO regulator, designed for being used in severe
automotive environments.
Low quiescent current makes it suitable for applications permanently connected to
battery. This feature is especially critical when electronic modules remain in active
mode when ignition is off.
The LDO40L embeds protection functions, such as: current limit and thermal
shutdown.
The extended input voltage range, low drop voltage and low quiescent current
features make it suitable also for low power industrial and consumer applications.
Maturity status link
LDO40L
400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
LDO40L
Datasheet
DS12711 - Rev 3 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LDO40L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO-512 STMICROELECTRONICS-LDO-512 Datasheet
278Kb / 5P
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
Jun-2002
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C EMERSON-NETWORKPOWER-LDO03C Datasheet
120Kb / 4P
LDO03C Series
logo
Advanced Energy Industr...
LDO03C ADVANCEDENERGY-LDO03C Datasheet
419Kb / 6P
15 Watts
logo
Artesyn Technologies
LDO03C-005W05-HJ ARTESYN-LDO03C-005W05-HJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
More results

Similar Description - LDO40L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TLV709 TI1-TLV709_V03 Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED JUNE 2023
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com