Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics LDO40L Datasheet HTML 10Page - STMicroelectronics LDO40L Datasheet HTML 11Page - STMicroelectronics LDO40L Datasheet HTML 12Page - STMicroelectronics LDO40L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
6.5
Enable pin
The enable function allows the LDO output to be enabled/disabled. The regulator is turned on in case the pin EN
is connected to a voltage higher than VEN-H, the LDO can be turned off if the voltage on EN pin is lower than
VEN-L.
No internal pull-up / pull-down is present on the EN pin, therefore it must not be left floating in the application.
6.6
Input and output capacitors
The LDO40LY requires external capacitors to ensure the regulator control loop stability.
A capacitor with a minimum value of 1 μF is required on at the input port of the LDO40LY.
This capacitor must be located as close as possible to the input pin of the device and returned to a clean analog
ground. Good quality ceramic capacitors are suggested.
The device control loop is designed to be stable with good quality ceramic capacitors (such as: X5R/X7R types)
with a minimum capacitance of 1 μF and equivalent series resistance in the [5 mΩ – 12 Ω] range. There is no
upper limit to the output capacitance. Figure 27. Stability plan shows the stability plan tested on real capacitors,
up to 10 µF. A value of 4.7 μF is suitable for the majority of applications, improving dynamic response and
minimizing the risk of ringing and oscillations. It is important to highlight that the output capacitor must maintain its
capacitance and ESR in the stable region over the full operating temperature, load and input voltage ranges, to
assure stability. Therefore, capacitance and ESR variations must be taken into account in the design phase to
ensure the device works in the expected stability region. There is no maximum limit to the output capacitance,
provided that the above conditions are respected.
LDO40L
Enable pin
DS12711 - Rev 3
page 9/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com