Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 2Page - STMicroelectronics LDO40L Datasheet HTML 3Page - STMicroelectronics LDO40L Datasheet HTML 4Page - STMicroelectronics LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics LDO40L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5
Electrical characteristics
Unless otherwise specified: TJ = -40 to 125 °C; VIN = 13.2 V, VOUT = 5 V, VEN = 5 V, IOUT = 1 mA;
CIN = COUT = 1 µF; Typical values referred to TA = 25 °C.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
(see Section 6.1 Operating input
voltage)
Device On
3.5
38
V
Minimum input voltage for
regulation (1)
VOUT+
VDROP
38
V
VOUT
Operating output voltage range
2.5
11
V
VOUT
Output voltage accuracy
(fixed version)
VOUT + 1 V (2) < VIN < 18 V,
0.1 mA < IOUT < 400 mA,
-40 °C < TJ < 125 °C
-3
3
%
TJ = 25 °C
-1
1
VREF
Reference voltage
(adjustable version) (VOUT - VADJ)
VOUT + 1 V (2) < VIN < 18 V ,
0.1 mA < IOUT < 400 mA,
-40 °C < TJ < 125 °C
1.164
1.2
1.236
V
TJ = 25 °C
1.188
1.212
ΔVOUT/
ΔVIN
Static line regulation
VOUT + 1 V (2) < VIN < 18 V;
IOUT = 1 mA
0.002
0.02
%/V
ΔVOUT/
ΔIOUT
Static load regulation
0.1 mA < IOUT < 400 mA
0.0001
0.002
%/mA
VDROP
Dropout voltage (3)
IOUT = 0.1 A; VOUT = 5 V
36
70
mV
IOUT = 0.4 A; VOUT = 5 V
140
270
eN
Output noise voltage
f = 10 Hz to 100 kHz;
IOUT = 10 mA
20
µVRMS/
VOUT
SVR
Supply voltage rejection
VOUT = 5 V, f = 100 Hz;
IOUT = 10 mA
77
VOUT = 5 V, f = 1 kHz;
IOUT = 10 mA
70
dB
VOUT = 5 V, f = 10 kHz;
IOUT = 10 mA
45
VOUT = 11 V, f = 100 Hz;
IOUT = 10 mA
77
VOUT = 11 V, f = 1 kHz;
IOUT = 10 mA
68
VOUT = 11 V, f = 10 kHz;
IOUT = 10 mA
42
IQ
Quiescent current
IOUT = 0 to 1 mA
45
90
µA
LDO40L
Electrical characteristics
DS12711 - Rev 3
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com