Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics LDO40L Datasheet HTML 10Page - STMicroelectronics LDO40L Datasheet HTML 11Page - STMicroelectronics LDO40L Datasheet HTML 12Page - STMicroelectronics LDO40L Datasheet HTML 13Page - STMicroelectronics LDO40L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
7
Typical characteristics
The following plots are referred to the typical application circuit with CIN = COUT = 1 μF and TA = 25 °C unless
otherwise noted.
Figure 6. Output voltage vs. temperature (VIN = 6 V,
VOUT = adjusted to 5 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
Figure 7. Output voltage vs. temperature (VIN = 13.2 V,
VOUT adjusted to 5 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
Figure 8. Output voltage vs. temperature (VIN = 18 V,
VOUT = adjusted to 5 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
Figure 9. Output voltage vs. temperature (VIN = 4.3 V,
VOUT = 3.3 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
LDO40L
Typical characteristics
DS12711 - Rev 3
page 10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com