Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 12 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics LDO40L Datasheet HTML 10Page - STMicroelectronics LDO40L Datasheet HTML 11Page - STMicroelectronics LDO40L Datasheet HTML 12Page - STMicroelectronics LDO40L Datasheet HTML 13Page - STMicroelectronics LDO40L Datasheet HTML 14Page - STMicroelectronics LDO40L Datasheet HTML 15Page - STMicroelectronics LDO40L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Figure 16. Dropout voltage vs. temperature
0.000
0.050
0.100
0.150
0.200
0.250
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VOUT = 5 V
Iout=100mA
Iout=400mA
Figure 17. Short-circuit current vs. temperature
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Figure 18. Quiescent current vs. temperature
0.00
20.00
40.00
60.00
80.00
100.00
120.00
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 13.2 V
Iout=0
Iout=1mA
Iout=400mA
Figure 19. Off-state current vs. temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-50
-25
0
25
50
75
100
125
150
Temperature [
°C]
VIN = 13.2 V, VEN = 0 V
Figure 20. Enable thresholds vs. temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-50
-25
0
25
50
75
100
125
150
Temperature [
°C]
IOUT = 1 mA
Figure 21. Enable input current vs. temperature
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-50
-25
0
25
50
75
100
125
150
Temperature [
°C]
VIN = 5 V, VEN = 5 V
LDO40L
Typical characteristics
DS12711 - Rev 3
page 12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com