Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 22 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 17Page - STMicroelectronics LDO40L Datasheet HTML 18Page - STMicroelectronics LDO40L Datasheet HTML 19Page - STMicroelectronics LDO40L Datasheet HTML 20Page - STMicroelectronics LDO40L Datasheet HTML 21Page - STMicroelectronics LDO40L Datasheet HTML 22Page - STMicroelectronics LDO40L Datasheet HTML 23Page - STMicroelectronics LDO40L Datasheet HTML 24Page - STMicroelectronics LDO40L Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Contents
1
Block diagram .....................................................................2
2
Pin configuration ..................................................................3
3
Typical application diagram ........................................................4
4
Absolute maximum ratings ........................................................5
5
Electrical characteristics...........................................................6
6
Application information ............................................................8
6.1
Operating input voltage ......................................................... 8
6.2
Output voltage adjustment ....................................................... 8
6.3
Output voltage sense pin ........................................................ 8
6.4
Protection features ............................................................. 8
6.5
Enable pin .................................................................... 8
6.6
Input and output capacitors ...................................................... 9
7
Typical characteristics ............................................................10
8
Package information..............................................................16
8.1
DFN6 (3x3) package information ................................................ 16
8.2
DFN6 (3x3) tape and reel mechanical data ........................................ 17
9
Ordering information .............................................................20
Revision history .......................................................................21
LDO40L
Contents
DS12711 - Rev 3
page 22/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com