Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 14 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 10Page - STMicroelectronics LDO40L Datasheet HTML 11Page - STMicroelectronics LDO40L Datasheet HTML 12Page - STMicroelectronics LDO40L Datasheet HTML 13Page - STMicroelectronics LDO40L Datasheet HTML 14Page - STMicroelectronics LDO40L Datasheet HTML 15Page - STMicroelectronics LDO40L Datasheet HTML 16Page - STMicroelectronics LDO40L Datasheet HTML 17Page - STMicroelectronics LDO40L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Figure 28. PSRR vs. frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
0.01
0.10
1.00
10.00
100.00
1,000.00
10,000.00
Frequency (kHz)
Vout=5V Iload=10mA
Vout=11V Iload=10mA
Figure 29. Output noise spectrum
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
1000
Frequency: f [kHz]
VIN = 13.2 V
VOUT = 5 V(ADJ)
CIN = 1 µF
COUT = 1 µF
IOUT = 10 mA
Figure 30. Line transient (tr = tf = 1 µs)
Figure 31. Line transient (tr = tf = 10 µs)
Figure 32. Load transient (0.1 mA to 100 mA, tr = tf = 1 µs)
Figure 33. Load transient (0.1 mA to 100 mA,
tr = tf = 10 µs)
LDO40L
Typical characteristics
DS12711 - Rev 3
page 14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com