Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 2 Page - STMicroelectronics

  LDO40L Datasheet HTML 1Page - STMicroelectronics LDO40L Datasheet HTML 2Page - STMicroelectronics LDO40L Datasheet HTML 3Page - STMicroelectronics LDO40L Datasheet HTML 4Page - STMicroelectronics LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
Block diagram
Figure 1. Block diagram, fixed version
VIN
VOUT
Current
limit
Thermal
protection
Driver
Enable
VSENSE
EN
Bandgap
reference
GND
Figure 2. Block diagram, adjustable version
VIN
GND
VOUT
Current
limit
Thermal
protection
Driver
Enable
VSENSE
EN
ADJ
Bandgap
reference
LDO40L
Block diagram
DS12711 - Rev 3
page 2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com