Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 3 Page - STMicroelectronics

  LDO40L Datasheet HTML 1Page - STMicroelectronics LDO40L Datasheet HTML 2Page - STMicroelectronics LDO40L Datasheet HTML 3Page - STMicroelectronics LDO40L Datasheet HTML 4Page - STMicroelectronics LDO40L Datasheet HTML 5Page - STMicroelectronics LDO40L Datasheet HTML 6Page - STMicroelectronics LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2
Pin configuration
Figure 3. Pin configuration (marking view)
1
2
3
6
5
4
TAB
ADJ / NC
V
V
GND
EN
V
IN
OUT
SENSE
Table 1. Pin description
Symbol
Pin n°
Description
VIN
3
LDO supply voltage
GND
1
Ground
VOUT
4
LDO output voltage
EN
2
Enable input: set VEN = high to turn on the device
VEN = low to turn off the device
Don't leave this pin floating
VSENSE
5
Output sensing pin. It must be connected to VOUT
ADJ / NC
6
Adjust pin. Connect a resistor divider to set the output voltage
This pin is not internally connected in the fixed version
TAB / Exposed pad
Exposed pad
It must be connected to GND
LDO40L
Pin configuration
DS12711 - Rev 3
page 3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com