Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 24 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 17Page - STMicroelectronics LDO40L Datasheet HTML 18Page - STMicroelectronics LDO40L Datasheet HTML 19Page - STMicroelectronics LDO40L Datasheet HTML 20Page - STMicroelectronics LDO40L Datasheet HTML 21Page - STMicroelectronics LDO40L Datasheet HTML 22Page - STMicroelectronics LDO40L Datasheet HTML 23Page - STMicroelectronics LDO40L Datasheet HTML 24Page - STMicroelectronics LDO40L Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
List of figures
Figure 1.
Block diagram, fixed version........................................................... 2
Figure 2.
Block diagram, adjustable version ....................................................... 2
Figure 3.
Pin configuration (marking view) ........................................................ 3
Figure 4.
Typical application diagram (fixed versions) ................................................ 4
Figure 5.
Typical application diagram (adjustable versions) ............................................ 4
Figure 6.
Output voltage vs. temperature (VIN = 6 V, VOUT = adjusted to 5 V) ............................... 10
Figure 7.
Output voltage vs. temperature (VIN = 13.2 V, VOUT adjusted to 5 V) .............................. 10
Figure 8.
Output voltage vs. temperature (VIN = 18 V, VOUT = adjusted to 5 V) .............................. 10
Figure 9.
Output voltage vs. temperature (VIN = 4.3 V, VOUT = 3.3 V) .................................... 10
Figure 10.
Output voltage vs. temperature (VIN = 13.2 V, VOUT = 3.3 V) ................................... 11
Figure 11.
Output voltage vs. temperature (VIN = 18 V, VOUT = 3.3 V) ..................................... 11
Figure 12.
Reference voltage vs. temperature (VIN = 6 V, VOUT = adjusted to 5 V) ............................ 11
Figure 13.
Reference voltage vs. temperature (VIN = 18 V, VOUT = adjusted to 5 V) ........................... 11
Figure 14.
Line regulation vs. temperature........................................................ 11
Figure 15.
Load regulation vs. temperature ....................................................... 11
Figure 16.
Dropout voltage vs. temperature ....................................................... 12
Figure 17.
Short-circuit current vs. temperature .................................................... 12
Figure 18.
Quiescent current vs. temperature...................................................... 12
Figure 19.
Off-state current vs. temperature....................................................... 12
Figure 20.
Enable thresholds vs. temperature ..................................................... 12
Figure 21.
Enable input current vs. temperature .................................................... 12
Figure 22.
Output voltage vs. input voltage (no load)................................................. 13
Figure 23.
Output voltage vs. input voltage (IOUT = 1 mA) ............................................. 13
Figure 24.
Output voltage vs. input voltage (IOUT = 100 mA) ........................................... 13
Figure 25.
Output voltage vs. input voltage (IOUT = 400 mA) ........................................... 13
Figure 26.
Quiescent current vs. input voltage ..................................................... 13
Figure 27.
Stability plan .................................................................... 13
Figure 28.
PSRR vs. frequency ............................................................... 14
Figure 29.
Output noise spectrum.............................................................. 14
Figure 30.
Line transient (tr = tf = 1 µs) .......................................................... 14
Figure 31.
Line transient (tr = tf = 10 µs) ......................................................... 14
Figure 32.
Load transient (0.1 mA to 100 mA, tr = tf = 1 µs) ............................................ 14
Figure 33.
Load transient (0.1 mA to 100 mA, tr = tf = 10 µs) ........................................... 14
Figure 34.
Load transient (1 mA to 400 mA, tr = tf = 1 µs) ............................................. 15
Figure 35.
Load transient (1 mA to 400 mA, tr = tf = 10 µs) ............................................ 15
Figure 36.
Enable transient (IOUT = 0.1 mA)....................................................... 15
Figure 37.
Enable transient (IOUT = 400 mA) ...................................................... 15
Figure 38.
Start-up transient (IOUT = 0.1 mA) ...................................................... 15
Figure 39.
Start-up transient (IOUT = 400 mA) ..................................................... 15
Figure 40.
DFN6 (3x3) package outline .......................................................... 16
Figure 41.
DFN6 (3x3) recommended footprint (dimensions are in mm).................................... 17
Figure 42.
DFN6 (3x3) tape outline............................................................. 18
Figure 43.
DFN6 (3x3) reel outline ............................................................. 19
LDO40L
List of figures
DS12711 - Rev 3
page 24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com