Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO40L Datasheet(PDF) 11 Page - STMicroelectronics

Part # LDO40L
Description  400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO40L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LDO40L Datasheet HTML 7Page - STMicroelectronics LDO40L Datasheet HTML 8Page - STMicroelectronics LDO40L Datasheet HTML 9Page - STMicroelectronics LDO40L Datasheet HTML 10Page - STMicroelectronics LDO40L Datasheet HTML 11Page - STMicroelectronics LDO40L Datasheet HTML 12Page - STMicroelectronics LDO40L Datasheet HTML 13Page - STMicroelectronics LDO40L Datasheet HTML 14Page - STMicroelectronics LDO40L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Figure 10. Output voltage vs. temperature (VIN = 13.2 V,
VOUT = 3.3 V)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
Figure 11. Output voltage vs. temperature (VIN = 18 V,
VOUT = 3.3 V)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Iout=1mA
Figure 12. Reference voltage vs. temperature (VIN = 6 V,
VOUT = adjusted to 5 V)
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Figure 13. Reference voltage vs. temperature (VIN = 18 V,
VOUT = adjusted to 5 V)
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Iout=100µA
Iout=400mA
Figure 14. Line regulation vs. temperature
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN= 6 to18 V,
VOUT = 5 V
Figure 15. Load regulation vs. temperature
-0.0010
-0.0005
0.0000
0.0005
0.0010
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 6 V, VOUT = 5 V, IOUT = 100 µA to 400 mA
LDO40L
Typical characteristics
DS12711 - Rev 3
page 11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com