Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 128 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 124Page - STMicroelectronics SPSB081C3 Datasheet HTML 125Page - STMicroelectronics SPSB081C3 Datasheet HTML 126Page - STMicroelectronics SPSB081C3 Datasheet HTML 127Page - STMicroelectronics SPSB081C3 Datasheet HTML 128Page - STMicroelectronics SPSB081C3 Datasheet HTML 129Page - STMicroelectronics SPSB081C3 Datasheet HTML 130Page - STMicroelectronics SPSB081C3 Datasheet HTML 131Page - STMicroelectronics SPSB081C3 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 135 page
background image
Contents
1
Block diagram and pin description .................................................3
1.1
Block diagram ................................................................. 3
1.2
Pin description ................................................................. 5
2
Maximum ratings ..................................................................7
2.1
Operating range ............................................................... 7
2.1.1
Supply voltage ranges..................................................... 7
2.2
Absolute maximum ratings....................................................... 7
2.3
Temperature ranges and thermal data ............................................ 10
3
Functional description ............................................................12
3.1
Supply Vs, Vsreg............................................................... 12
3.2
Voltage regulators ............................................................. 12
3.2.1
Voltage regulator: V1..................................................... 12
3.2.2
Voltage regulator: V2..................................................... 13
3.2.3
Voltage regulator failure .................................................. 13
3.2.4
Short to ground detection ................................................. 13
3.2.5
Voltage regulator behavior ................................................ 14
3.3
Operating modes.............................................................. 14
3.3.1
Active mode ........................................................... 14
3.3.2
SW-debug mode ........................................................ 14
3.3.3
V1_standby mode ....................................................... 15
3.3.4
Interrupt .............................................................. 15
3.3.5
VBAT_standby mode .................................................... 16
3.4
Wake-up from standby modes................................................... 16
3.4.1
Wake-up inputs ......................................................... 17
3.5
Functional overview (truth table) ................................................. 18
3.6
Configurable window watchdog.................................................. 20
3.6.1
Change watchdog timing.................................................. 22
3.7
Fail safe mode ................................................................ 22
3.7.1
Temporary failures ...................................................... 22
3.7.2
Non recoverable failures –Forced in VBAT_standby mode ........................ 23
3.8
Reset output (NRESET) ........................................................ 24
3.9
DIAGN output ................................................................ 25
3.10
V1 overvoltage detection ....................................................... 25
3.11
LIN bus interfaces (only for SPSB0815 and SPSB0813) ............................. 27
3.11.1
Features .............................................................. 27
SPSB081
Contents
DS14048 - Rev 1
page 128/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com