Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 127Page - STMicroelectronics SPSB081C3 Datasheet HTML 128Page - STMicroelectronics SPSB081C3 Datasheet HTML 129Page - STMicroelectronics SPSB081C3 Datasheet HTML 130Page - STMicroelectronics SPSB081C3 Datasheet HTML 131Page - STMicroelectronics SPSB081C3 Datasheet HTML 132Page - STMicroelectronics SPSB081C3 Datasheet HTML 133Page - STMicroelectronics SPSB081C3 Datasheet HTML 134Page - STMicroelectronics SPSB081C3 Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 135 page
background image
List of tables
Table 1.
Pin function ........................................................................ 5
Table 2.
Absolute maximum ratings ............................................................. 7
Table 3.
ESD protection ..................................................................... 9
Table 4.
Transient immunity ratings according to ISO 7637-2 ........................................... 10
Table 5.
Temperature ranges and thermal data .................................................... 10
Table 6.
Voltage regulators configuration......................................................... 12
Table 7.
Wake-up source.................................................................... 16
Table 8.
Functional overview ................................................................. 18
Table 9.
Temporary failures conditions .......................................................... 23
Table 10.
Non recoverable failures conditions ...................................................... 24
Table 11.
Thermal cluster definition ............................................................. 39
Table 12.
Safety requirement.................................................................. 40
Table 13.
Operation codes ................................................................... 44
Table 14.
Global status byte .................................................................. 45
Table 15.
Device application access ............................................................. 46
Table 16.
RAM address range ................................................................. 46
Table 17.
Device information read access ......................................................... 47
Table 18.
ROM address range ................................................................. 47
Table 19.
SPSB081 information registers map ...................................................... 47
Table 20.
SPI mode register .................................................................. 48
Table 21.
Burst read bit...................................................................... 48
Table 22.
SPI data length .................................................................... 49
Table 23.
Data consistency check .............................................................. 49
Table 24.
WD Type/Timing ................................................................... 49
Table 25.
WD bit position .................................................................... 50
Table 26.
Electrical parameters numbering ........................................................ 52
Table 27.
Supply .......................................................................... 52
Table 28.
Oscillator ........................................................................ 55
Table 29.
Power-on reset .................................................................... 55
Table 30.
Voltage regulator V1................................................................. 56
Table 31.
Voltage regulator V2................................................................. 57
Table 32.
Reset output ...................................................................... 58
Table 33.
DIAGN output ..................................................................... 58
Table 34.
Watchdog ........................................................................ 58
Table 35.
Current monitor output (CM) ........................................................... 60
Table 36.
Outputs OUT1–OUT4................................................................ 61
Table 37.
Power outputs switching times.......................................................... 61
Table 38.
Output current threshold .............................................................. 62
Table 39.
Wake-up inputs .................................................................... 64
Table 40.
CAN communication operating range ..................................................... 64
Table 41.
CAN transmit data input: Pin TxDC ...................................................... 65
Table 42.
CAN receive data output: Pin RxDC ...................................................... 66
Table 43.
CAN transmitter dominant output characteristics ............................................. 66
Table 44.
CAN transmitter recessive output characteristics, CAN normal mode ............................... 67
Table 45.
CAN receiver input characteristics during CAN normal mode ..................................... 68
Table 46.
CAN receiver input characteristics during CAN low power mode, biasing inactive ....................... 68
Table 47.
CAN receiver input resistance .......................................................... 69
Table 48.
CAN transceiver delay ............................................................... 69
Table 49.
CAN receiver input resistance .......................................................... 71
Table 50.
Biasing control timings ............................................................... 72
Table 51.
LIN transmit data input: Pin TxD......................................................... 72
Table 52.
LIN receive data output: Pin RxD ........................................................ 72
Table 53.
LIN transmitter and receiver: Pin LIN ..................................................... 72
SPSB081
List of tables
DS14048 - Rev 1
page 131/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com