Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 9Page - STMicroelectronics L9177 Datasheet HTML 10Page - STMicroelectronics L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
DocID17617 Rev 1
13/49
L9177
Electrical specifications
48
3.5.2
Key
Figure 3. Input threshold
Figure 4. Key block diagram
VB UVL
Undervoltage disable LOW
threshold
-
3.5
3.7
3.9
V
VB UVh
Undervoltage threshold
hysteresis
-
0.3
-
1
V
IVB(dis)
Standby current
VB= 13 V, device
disabled, KEY<0.7 V
-
-
120
μA
IVB
Quiescent current
VB= 13 V, outputs
floating
-
-
20
mA
Vrext
ASIC Bias reference
Application note
-
1.22
-
V
fint_clk
Internal clock reference
Application note
-
5.6
-
MHz
Table 7. Supply electrical characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 8. Key electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V_Key_L
Input low threshold
-
1.5
-
-
V
V_Key_H
Input high threshold
-
-
-
3.3
V
V_Key_Hyst
Input voltage hysteresis
-
0.5
-
1.8
V
R_Key
Internal pull down
-
50
150
300
k
T_key_deglitch Key input filter time
Guaranteed by scan
26
-
40
μs
T_key_delay
Maximum delay time from
Key to regulator enable
Time from key rising
edge to 20% VDD
rising edge
-
-
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com