Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics L9177 Datasheet HTML 27Page - STMicroelectronics L9177 Datasheet HTML 28Page - STMicroelectronics L9177 Datasheet HTML 29Page - STMicroelectronics L9177 Datasheet HTML 30Page - STMicroelectronics L9177 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DocID17617 Rev 1
27/49
L9177
Electrical specifications
48
3.5.18
SPI interface
Figure 16. -SO loading for disable time measurement
Figure 17. SPI timing diagram
Table 24. SPI characteristics and timings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SICin
Input capacitance
--
-
20
pF
SCKCin
-
-
-
20
pF
tSCKCS
Clock inactive time before
frame
-
100
-
-
ns
tCSSO
Access time
See Figure 17
-
-
500
ns
tSOdis
Output data (SO) disable time
No Capacitor on SO,
See Figure 16
-
-
500
ns
tlead
Channels elect (CS) lead
time
See Figure 17
500
-
-
ns
tSCKFSO
Output valid time
See Figure 17, @ fCLK = 5.4 MHz
60
-
-
ns
tSOCS
Output data (SO) disable time No capacitor on SO, see Figure 17
-
500
ns
tSIsetup
Input data (SI) set-up time
See Figure 17, @ fCLK = 5.4 MHz
20
-
-
ns
tSIhold
Input data (SI) hold time
See Figure 17, @ fCLK = 5.4 MHz
20
-
-
ns
tSCK
CLK period
-
185
-
-
ns
tCSCK
Clock inactive time after
frame
-
600
-
-
ns
tCSN
CS de asserted time
-
600
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com