Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 28Page - STMicroelectronics L9177 Datasheet HTML 29Page - STMicroelectronics L9177 Datasheet HTML 30Page - STMicroelectronics L9177 Datasheet HTML 31Page - STMicroelectronics L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Functional description
L9177
32/49
DocID17617 Rev 1
4.4.2
Data out
Status flag are sampled and sent out through DOUT pin at each R/W SPI operation. The
structure of the 24 bit word is described in Table 29. A three bits diagnosis is provided for
stepper motor driver, a two bit diagnosis for others drivers. VRS diagnosis is coded as '0'
means No Fault, while '1' means Fault. Over temperature warning is coded as '0' means No
Fault, while '1' means Fault.
The SPI default value is: all bits set to zero.
Data out structure
Table 29. Data out (DOUT) words content
DOUT0
DOUT1
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
INJ1 Diag0
INJ1 Diag1
INJ2 Diag0
INJ2 Diag1
O2H Diag0
O2H Diag1
RLY1 Diag0 RLY1 Diag1
DOUT8
DOUT9
DOUT10
DOUT11
DOUT12
DOUT13
DOUT14
DOUT15
RLY2 Diag0 RLY2 Diag1 RLY3 Diag0 RLY3 Diag1 LAMP Diag0 LAMP Diag1 TACH Diag0 TACH Diag1
DOUT16
DOUT17
DOUT18
DOUT19
DOUT20
DOUT21
DOUT22
DOUT23
VRS Diag
Thermal
Warning
Brdg1 Diag0 Brdg1 Diag1 Brdg1 Diag2 Brdg2 Diag0 Brdg2 Diag1 Brdg2 Diag2
Table 30. Two bits diagnosis (normal drivers)
Bit 1
Bit 0
Fault
0
0
No Fault
0
1
Short to Ground (OFF)
1
0
Open Load (OFF)
1
1
Overcurrent (ON)
Table 31. Three bits diagnosis (bridge stage)
Bit 2
Bit 1
Bit 0
Fault
0
0
0
No Fault
0
0
1
Short to Ground (OFF)
1
0
1
Short to VBAT (OFF)
0
1
0
Open Load (OFF)
0
1
1
Overcurrent (ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com