Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 31Page - STMicroelectronics L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics L9177 Datasheet HTML 37Page - STMicroelectronics L9177 Datasheet HTML 38Page - STMicroelectronics L9177 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DocID17617 Rev 1
35/49
L9177
Functional description
48
Figure 23. Low side driver diagnosis I-V relationship
4.5.5
Lamp driver on/off diagnosis
In OFF condition diagnosis is the same as Low side, with Tmask 3.5 ms ±25 % and
Tdgc_noise 3.6 μs ± 40 %, while in ON condition initial Inrush current is masked for
Tmask_rush of 45 ms ±25 % then, if an over current fault occurs the drivers enters in current
limitation condition for a digital filtering time Tdgc of 20 μs ±25 %, then it is switched OFF
and the fault is latched. The channel is turned ON again by input command transition. The
latched fault is cleared on request via SPI. Over current fault has higher priority with respect
to OFF condition faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com