Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 20Page - STMicroelectronics L9177 Datasheet HTML 21Page - STMicroelectronics L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics L9177 Datasheet HTML 27Page - STMicroelectronics L9177 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Electrical specifications
L9177
24/49
DocID17617 Rev 1
3.5.16
Variable reluctance sensor interface
Table 22. Variable reluctance sensor interface electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VHTH
Input high to low
differential
threshold voltage at
VRIN+ and VRIN-
nodes
-
-50
-
50
mV
VCM
Common mode
operating range at
VRIN+ and VRIN-
-
0
1.5
3
V
Vcm_internal
Internal common
mode voltage
Switch off hysteresis current
0.27*VDD
0.3*VDD
0.33*VDD
V
Vdiagth_H(1)
Diagnostic high
threshold
Diagnostic voltage referred to
VRIN- (see Figure 14)
0.67*VDD
0.75*VDD
0.82*VDD
V
Vdiagth_L(1)
Diagnostic low
threshold
0.18*VDD
0.2*VDD
0.22*VDD
V
Idiag
Diagnostic current
Current from VRIN- when
diagnostic on
35
50
65
μA
Rinternal_
common
Internal common
mode resistor
Switch off hysteresis current
50
200
350
IIB
Input bias current
VRIN+ = VRIN- = 1.5 V
-
-
2
μA
Ileak
Output leakage
VROUT = 5 V
-
-
1
μA
VCLPH
Input high clamping
voltage
VRIN+ = |VRIN-| = 20 mA
-
5
-
V
VCLPL
Input low clamping
voltage
VRIN+ = |VRIN-| = |20 mA|
-1.5
-
-0.3
V
tof
Output fall time
CLOAD = 20 pF, RLOAD = 5 kΩ
-
-
300
ns
tof_1nf
Output fall time
CLOAD = 1nF
-
-
1.5
μs
VOUTL
Output buffer low
voltage
Isink = 2 mA
-
-
0.6
V
IOUTL
Output current
capability
Vout = 0.6 V
2
-
-
mA
tprop
Propagation delay
VRS INM = 0.5 V, INP applied to
1 V to make VRS OUT
commuted
0.1
0.45
0.8
μs
1. if (VRIN- > Vdiagth_H) or (VRIN- < Vdiagth_L) then Fault is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com