Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 27Page - STMicroelectronics L9177 Datasheet HTML 28Page - STMicroelectronics L9177 Datasheet HTML 29Page - STMicroelectronics L9177 Datasheet HTML 30Page - STMicroelectronics L9177 Datasheet HTML 31Page - STMicroelectronics L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
DocID17617 Rev 1
31/49
L9177
Functional description
48
Data in structure (LSB first)
Mask bit is used to mask serial command for diagnosis only readings on DOUT:
0 - Read Diag. All DIN bits are ignored.
1 - Write. All DIN are transferred into the internal registers.
Command bits are used to control the output drivers: (INJ1-2, O2H, RLY1-2-3, LAMP
and TACH) as described in following table:
VRS Diag bit is used active high to enable diagnostic phase of VRS block.
Programmable VRS Hysteresis: VRS hysteresis is programmable in 5 steps according
to Table 28: Data in VRS hysteresis.
Clear Diag, when set to 1 generates a request to clear those diagnostic flags which are
latched.
In addition odd parity bit (that is the last bit of the frame and includes in its calculation
the "Don't care" bits) is used for DIN word check together with falling clock edges
count.
Table 26. Data in (DIN) words content
DIN0
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
Mask
LAMP_0
LAMP_1
VRS Diag VRS Hys0 VRS Hys1 VRS Hys2
0
DIN8
DIN9
DIN10
DIN11
DIN12
DIN13
DIN14
DIN15
INJ1_0
INJ1_1
INJ2_0
INJ2_1
O2H_0
O2H_1
RLY1_0
RLY1_1
DIN16
DIN17
DIN18
DIN19
DIN20
DIN21
DIN22
DIN23
RLY2_0
RLY2_1
RLY3_0
RLY3_1
TACH_0
TACH_1
Clear diag
Parity
Table 27. Data in command bits structure
xxx_1
xxx_0
Description
1
0
Turn-off driver / parallel polarity 0
1
1
Turn-on driver / parallel polarity 1
0
X
No change (the driver will maintain the previous condition)
Table 28. Data in VRS hysteresis
Hys 2
Hys 1
Hys 0
Description
0
0
0
Default hysteresis value
0
0
1
Hys VRS = 100 mV
0
1
0
Hys VRS = 200 mV
0
1
1
Hys VRS = 350 mV
1
0
0
Hys VRS = 650 mV
1
0
1
Hys VRS = 1000 mV
1
1
1
Not Valid (Hys doesn't change)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com