Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 19Page - STMicroelectronics L9177 Datasheet HTML 20Page - STMicroelectronics L9177 Datasheet HTML 21Page - STMicroelectronics L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics L9177 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
DocID17617 Rev 1
23/49
L9177
Electrical specifications
48
Figure 13. Stepper motor operations
3.5.15
O2 sensor heater driver
Table 21. O2 sensor heater driver characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RdsON
On resistance
Iout = 3 A
-
-
0.5
Ω
VC
Output clamping voltage
Iout = 3 A
40
-
50
V
Ilk_off
Leakage current
Vout = 18 V, diagnosis OFF
-
-
10
μA
Ilk_on
Leakage current
Vout = 18 V, diagnosis ON
-
-
100
μA
ton_off
Turn on-off delay
From CMD (serial or
parallel) rising edge
--
6
μs
VOL
Open load output voltage Driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
IOC
Overcurrent threshold
3.8
-
5
A
Vdiagth_H(1) Diagnostic high threshold Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
Vdiagth_L(1) Diagnostic low threshold Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
1. Vdiagth_L<Vout<Vdiagth_H  Open Load; Vout<Vdiagth_L  Short to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com