Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics L9177 Datasheet HTML 18Page - STMicroelectronics L9177 Datasheet HTML 19Page - STMicroelectronics L9177 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Electrical specifications
L9177
16/49
DocID17617 Rev 1
3.5.7
5 V tracking voltage regulator
Figure 7. 5 V tracking regulator block diagram
Table 13. VDD_TRK output electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DVddtrk
Output voltage tracking error
VB = 6 V,
Itrk = 1 to 40 mA
-15
-
15
mV
Vshort
Tracking output short circuit
voltage range
--2
-
VB
V
Itrk_max
Output current limitation
Output short to 4 V
50
-
100
mA
Itrk_sb
Tracking output reverse current
(limited by the regulator)
Output shorted to VB = 16 V
-
-
10
mA
Idd
Load current
-
1
-
40
mA
Ln_vdd_trk
Line regulation
VB = 6 V to 18 V - Iload = 40
mA
-15
-
15
mV
Ld_vdd_trk
Load regulation
VB = 13 V Iload = 1 to 40 mA
-15
-
15
mV
PSRR
Power supply rejection ratio
Sin wave @ 1 kHz 1V pp
VB = 13 V Iload = 1 to 40 mA
40
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com