Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics L9177 Datasheet HTML 37Page - STMicroelectronics L9177 Datasheet HTML 38Page - STMicroelectronics L9177 Datasheet HTML 39Page - STMicroelectronics L9177 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Functional description
L9177
36/49
DocID17617 Rev 1
Figure 24. Lamp driver diagnosis time diagram
4.5.6
Stepper motor driver off diagnosis (EN signal high and output in high
impedance state)
In OFF condition Short to GND/Short to Vb or Open Load condition is continuously detected
through a deglitch filter of 125 μs ±25 %, after Tmask masking time of 1 ms ±25 % to filter
ON/ OFF transition. To avoid false diagnostic due to motor residual movement, the stepper
has to be disabled at least 40 ms after the PWL signal has been disabled. A fault longer
than deglitch time is latched. Off state diagnostic fault can be overwritten by on state fault.
Off state fault does not prevent the stepper to switch on. The latched fault is cleared on
request.
4.5.7
Stepper motor driver on diagnosis (EN signal Low and output driven by
input commands)
In ON condition when over current fault is detected and validated after digital filtering time
Tdgc of 20 μs ±25 %, the bridge is turned OFF and the fault is latched. The bridge is turned
ON again by input command EN transition. The latched fault is cleared on request. Over
current fault has higher priority with respect to OFF condition faults. Each Bridge has
dedicated fault diagnosis detection coded by three bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com