Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 21Page - STMicroelectronics L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics L9177 Datasheet HTML 27Page - STMicroelectronics L9177 Datasheet HTML 28Page - STMicroelectronics L9177 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DocID17617 Rev 1
25/49
L9177
Electrical specifications
48
Figure 14. VRS block diagram
3.5.17
K-line
Table 23. K-Line interface electrical characteristics
Pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KL_TX
ITXsource
Transmitter input
source current
-
10
-
100
μA
ITXsink
Transmitter input
sink current
KL_TX = VDD
-
-
2.1
μA
K_LINE
VKoutL
Transmitter output
low voltage
IsinkK_LINE = 35 mA,
KL_TX = Low
-1
-
1.5
V
VKinH
Receiver input high
voltage
-
0.7xVB
-
VB
V
VKinL
Receiver input low
voltage
--1
-
0.35xV
B
V
VKH
Receiver input
hysteresis
-
0.05xVB
-
0.3xVB
V
IKleak
Receiver leakage
current
KL_LINE = VB,KL_TX =
High
--
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com