Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 30Page - STMicroelectronics L9177 Datasheet HTML 31Page - STMicroelectronics L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics L9177 Datasheet HTML 37Page - STMicroelectronics L9177 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Functional description
L9177
34/49
DocID17617 Rev 1
4.5.4
Low side on/off diagnosis (INJ, RLY's, TACH, O2H)
About low side channels OFF diagnosis, L9177 issues a masking filter Tmask after channel
turning off (falling edge of driving command) to avoid false fault detecting due to output
transition from low to high. Tmask is of 1 ms ±25 % for all channels except for the relays, for
which Tmask is 3.5 ms ±25 %. Once masking time expires a deglitch filter Tdgc_noise of
3.6 μs ±40 % for noise immunity is activated. A fault longer than deglitch time is latched. Off
state diagnostic fault can be overwritten by on state fault. Off state fault does not prevent the
driver to switch on. The latched fault is cleared on request.
During on-phase if an over current fault occurs the drivers enters in current limitation
condition for a digital filtering time Tdgc of 20 μs ±25 %,then it is switched OFF and the fault
is latched. The channel is turned ON again by input command transition. The latched fault is
cleared on request via SPI.
Over current fault has higher priority respect to OFF condition faults.
Figure 22. Low side driver diagnosis time diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com