Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 29Page - STMicroelectronics L9177 Datasheet HTML 30Page - STMicroelectronics L9177 Datasheet HTML 31Page - STMicroelectronics L9177 Datasheet HTML 32Page - STMicroelectronics L9177 Datasheet HTML 33Page - STMicroelectronics L9177 Datasheet HTML 34Page - STMicroelectronics L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics L9177 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
DocID17617 Rev 1
33/49
L9177
Functional description
48
4.5
Diagnosis
L9177 provides a full set of diagnosis; deglitch timings listed below are digital, generated
from internal clock and their accuracy is guaranteed by scan patterns and clock
measurement.
4.5.1
Voltage regulators thermal warning and shutdown
The 5V linear voltage regulator/tracking regulator is shut down when the thermal shutdown
temperature is reached and also the regulator is in current limitation. The shutdown is
filtered with Tdcg filter of 30 μs ±25 %. As soon as the over temperature disappear the
regulator is switched on again. Over temperature flag without any latch is present via SPI.
4.5.2
Overvoltage shut down
If the VB_off voltage is reached after Tdgc filtering time of 30 μs ±25 % the L9177 enters a
safety state where main outputs are switched-off. Voltage regulators, all low side channels,
stepper motor driver and KLINE are switched off and reset is asserted. As soon as the
battery comes below VB_off minus VB_off_h the L9177 recover standard operation.
4.5.3
Undervoltage shut down
If the VB_UV voltage is reached after analog Tdgc 1 μs ±20 % filtering time the L9177
enters a safety state where main outputs are switched-off. Voltage regulators, all low side
channels, stepper motor driver and KLINE are switched off. As soon as the battery rises
above VB_UV plus the hysteresis the L9177 recovers normal operation.
Figure 21. L9177 under and over voltage time diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com