Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 3Page - STMicroelectronics L99MOD51XP Datasheet HTML 4Page - STMicroelectronics L99MOD51XP Datasheet HTML 5Page - STMicroelectronics L99MOD51XP Datasheet HTML 6Page - STMicroelectronics L99MOD51XP Datasheet HTML 7Page - STMicroelectronics L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DS12667 Rev 6
7/33
L99MOD51XP
Block diagram and pin description
32
Figure 2. Configuration diagram (top view)
Table 2. Pin definitions and functions
Pin
Symbol
Function
1, 18, 19,
36
GND
Ground.
Reference potential.
Note: For the capability of driving the full current at the outputs all pins of
GND must be externally connected.
6, 7, 14,
15, 23, 24,
29, 32
VS
Power supply voltage (external reverse protection required).
For EMI reason a ceramic capacitor as close as possible to GND is
recommended.
Note: for the capability of driving the full current at the outputs all pins of
VS must be externally connected.
3, 4, 34
OUT1
Half-bridge output 1.
The output is built by a high side and a low side switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal reverse diode (bulk-drain-
diode: high side driver from output to VS, low side driver from GND to
output). This output is over-current and open-load protected.
Note: for the capability of driving the full current at the outputs all pins of
OUT1 must be externally connected.
8
DI
Serial data input.
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 16bits control word and the least significant
bit (LSB, bit 0) is transferred first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com