Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 21Page - STMicroelectronics L99MOD51XP Datasheet HTML 22Page - STMicroelectronics L99MOD51XP Datasheet HTML 23Page - STMicroelectronics L99MOD51XP Datasheet HTML 24Page - STMicroelectronics L99MOD51XP Datasheet HTML 25Page - STMicroelectronics L99MOD51XP Datasheet HTML 26Page - STMicroelectronics L99MOD51XP Datasheet HTML 27Page - STMicroelectronics L99MOD51XP Datasheet HTML 28Page - STMicroelectronics L99MOD51XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DS12667 Rev 6
25/33
L99MOD51XP
Functional description of the SPI
32
8
OUT5 - HS
on/off
If a bit is set the selected
output driver is switched on.
If the corresponding PWM
enable bit is set (Input
Register 1) the driver is only
activated if PWM input
signal is high. The outputs of
OUT1-OUT3 are half
bridges. If the bits of HS-
and LS-driver of the same
half bridge are set, the
internal logic prevents that
both drivers of this output
stage can be switched on
simultaneously in order to
avoid a high internal current
from VS to GND.
OUT5-HS
over - current
In case of an over-current
event the corresponding status
bit is set and the output driver
is disabled. If the over-current
recovery enable bit is set
(Input Register 1) the output
will be automatically
reactivated after a delay time
resulting in a PWM modulated
current with a programmable
duty cycle (Bit 13).
If the over-current recovery bit
is not set the microcontroller
has to clear the over-current
bit (reset bit) to reactivate the
output driver.
7
OUT4 - HS
on/off
OUT4-HS
over - current
6
OUT3 - HS
on/off
OUT3-HS
over - current
5
OUT3 - LS
on/off
OUT3-LS
over - current
4
OUT2 - HS
on/off
OUT2-HS
over - current
3
OUT2 - LS
on/off
OUT2-LS
over - current
2
OUT1 - HS
on/off
OUT1-HS
over - current
1
OUT1 - LS
on/off
OUT1-LS
over - current
0
0
No error bit
A logical NOR-combination of
all bits 1 to 14 in both status
registers. If bit 14 (disable
open-load) is set, the open-
load status will be ignored.
Table 19. SPI - Input data and status register 1
Input register 1 (write)
Status register 1 (read)
Bit
Name
Comment
Name
Comment
15
Not used
Always 1
A broken VCC-or SPI-
connection of the
L99MOD51XP can be
detected by the
microcontroller, because all
16 bits low or high are not a
valid frame.
14
Not used
VS over-voltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
13
Not used
VS undervoltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
Table 18. SPI - Input data and status register 0 (continued)
Input register 0 (write)
Status register 0 (read)
Bit
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com