Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics L99MOD51XP Datasheet HTML 13Page - STMicroelectronics L99MOD51XP Datasheet HTML 14Page - STMicroelectronics L99MOD51XP Datasheet HTML 15Page - STMicroelectronics L99MOD51XP Datasheet HTML 16Page - STMicroelectronics L99MOD51XP Datasheet HTML 17Page - STMicroelectronics L99MOD51XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
SPI - electrical characteristics
L99MOD51XP
14/33
DS12667 Rev 6
3
SPI - electrical characteristics
(VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150 °C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows
into the pin).
Table 12. Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Internal startup time
Switching from standby to
active mode. Time until not
Ready Bit goes low.
80
300
μs
Table 13. Inputs: CSN, CLK, PWM1/2 and DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VinL
Input low level
VCC = 5 V
1.5
2.0
V
VinH
Input high level
VCC = 5 V
3.0
3.5
V
VinHyst
Input hysteresis
VCC = 5 V
0.5
V
ICSN in
Pull up current at input CSN
VCSN = 3.5 V VCC = 5 V
-50
-25
-10
μA
ICLK in
Pull down current at input CLK
VCLK = 1.5 V
10
25
50
μA
IDI in
Pull down current at input DI
VDI = 1.5 V
10
25
50
μA
IEN in
Pull down resistance at input EN
100
210
480
k
C in (1)
Input capacitance at input CLK, DI
and PWM
VCC = 0 to 5.3 V
10
15
pF
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 14. DI timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
VCC = 5 V
1000
ns
tCLKH
Clock high time
VCC = 5 V
400
ns
tCLKL
Clock low time
VCC = 5 V
400
ns
tset CSN
CSN setup time, CSN low before
rising edge of CLK
VCC = 5 V
400
ns
tset CLK
CLK setup time, CLK high before
rising edge of CSN
VCC = 5 V
400
ns
tset DI
DI setup time
VCC = 5 V
200
ns
thold time
DI hold time
VCC = 5 V
200
ns
tr in
Rise time of input signal DI, CLK,
CSN
VCC = 5 V
100
ns
tf in
Fall time of input signal DI, CLK,
CSN
VCC = 5 V
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com