Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 17Page - STMicroelectronics L99MOD51XP Datasheet HTML 18Page - STMicroelectronics L99MOD51XP Datasheet HTML 19Page - STMicroelectronics L99MOD51XP Datasheet HTML 20Page - STMicroelectronics L99MOD51XP Datasheet HTML 21Page - STMicroelectronics L99MOD51XP Datasheet HTML 22Page - STMicroelectronics L99MOD51XP Datasheet HTML 23Page - STMicroelectronics L99MOD51XP Datasheet HTML 24Page - STMicroelectronics L99MOD51XP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DS12667 Rev 6
21/33
L99MOD51XP
Application information
32
4.10
PWM input
Each driver has a corresponding PWM enable bit which can be programmed by the SPI
interface. If the PWM enable bit is set, the outputs OUT1 to OUT5 are controlled by the
logically AND-combination of the signal applied to the PWM input and the output control bit
in input data register1.
4.11
Cross-current protection
The three half-bridges of the device are cross-current protected by an internal delay time. If
one driver (LS or HS) is turned-off the activation of the other driver of the same half bridge is
delayed automatically by the cross-current protection time. After the cross-current protection
time is expired the slew-rate limited switch-off phase of the driver is changed to a fast turn-
off phase and the opposite driver is turned-on with slew-rate limitation. Due to this behavior
it is always guaranteed that the previously activated driver is totally turned-off before the
opposite driver starts to conduct.
4.12
Programmable softstart function to drive loads with higher
inrush current
Loads with start-up currents higher than the over-current limits (e.g. inrush current of lamps,
start current of motors and cold resistance of heaters) can be driven by using the
programmable softstart function (i.e. overcurrent recovery mode). Each driver has a
corresponding over-current recovery bit. If this bit is set, the device switches-on
automatically the outputs again after a programmable recovery time. The duty cycle in over-
current condition can be programmed by the SPI interface to be about 12% or 25%. The
PWM modulated current will provide sufficient average current to power up the load (e.g.
heat up the bulb) until the load reaches operating condition.
The device itself cannot distinguish between a real overload and a non linear load like a light
bulb. A real overload condition can only be qualified by time. As an example the
microcontroller can switch on light bulbs by setting the over-current Recovery bit for the first
50 ms. After clearing the recovery bit the output will be automatically disabled if the overload
condition still exits.
Figure 9. Example of programmable softstart function for inductive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com